Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRO-D Datasheet(PDF) 4 Page - C&K Components

Part # MICRO-D
Description  Lightweight backshells
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MICRO-D Datasheet(HTML) 4 Page - C&K Components

  MICRO-D Datasheet HTML 1Page - C&K Components MICRO-D Datasheet HTML 2Page - C&K Components MICRO-D Datasheet HTML 3Page - C&K Components MICRO-D Datasheet HTML 4Page - C&K Components MICRO-D Datasheet HTML 5Page - C&K Components MICRO-D Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Dimensions shown in: mm
Specifications and dimensions subject to change
www.ckswitches.com
DIMENSIONS AND WEIGHT
DESCRIPTION AND PART NUMBERS
MDM LIGHTWEIGHT BACKSHELL
45° CIRCULAR ENTRY
(Our design accepts right or left mounting)
SIZE
A
±0.2
B
±0.2
C
±0.1
D
±0.2
ØE
±0.2
ØF
±0.2
WEIGHT
(GRAMS)
9
19.65
7.90
14.35
21.00
8.30
5.30
3
15
23.45
7.90
18.16
23.00
9.00
6.00
4
21
27.25
7.90
21.97
24.00
9.00
6.00
4
25
29.80
7.90
24.51
27.00
9.00
6.00
5
31
33.60
7.90
28.32
28.00
9.00
6.00
5
37
37.40
7.90
32.13
29.00
9.00
6.00
6
51
36.15
8.90
30.86
30.00
10.00
7.00
6
SHELL FINISH
CONTACT SIZE
ESA/ESCC DESCRIPTION
C&K PN
Electroless Nickel
9
340108729B
C115366-1046D
15
340108730B
C115366-1047D
21
340108731B
C115366-1048D
25
340108732B
C115366-1049D
31
340108733B
C115366-1050D
37
340108734B
C115366-1051D
51
340108735B
C115366-1052D
Gold
9
340108736B
C115366-1046C
15
340108737B
C115366-1047C
21
340108738B
C115366-1048C
25
340108739B
C115366-1049C
31
340108740B
C115366-1050C
37
340108741B
C115366-1051C
51
340108742B
C115366-1052C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com