Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP30 Datasheet(PDF) 2 Page - CUI Devices

Part # CP30
Description  PELTIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CP30 Datasheet(HTML) 2 Page - CUI Devices

  CP30 Datasheet HTML 1Page - CUI Devices CP30 Datasheet HTML 2Page - CUI Devices CP30 Datasheet HTML 3Page - CUI Devices CP30 Datasheet HTML 4Page - CUI Devices CP30 Datasheet HTML 5Page - CUI Devices CP30 Datasheet HTML 6Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CUI DEVICES | SERIES: CP30 | DESCRIPTION: PELTIER MODULE
date 08/05/2022 | page 2 of 6
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
internal resistance3
CP30138
CP30238
CP30338
0.9
2.07
3.6
1.0
2.3
4.0
1.1
2.53
4.4
solder melting temperature
connection between termoelectric pairs
138
°C
assembly compression
98.07
10
N/cm2
kgf/cm2
RoHS
yes
Notes:
3. measured by AC 4-terminal method at 25°C
MECHANICAL DRAWING
COLD SIDE
Black (-)
Red (+)
L
W
3.0
7.0
100.0 5.0
Cold Side
Hot Side
0.1
3.8
0.80 (TYP)
MATERIAL
PLATING
ceramic plate
Al
203 (Alumina)
sealer
silicon rubber RTV
lead wire
UL1430 (22AWG)
tin
joint cover
silicon rubber RTV
units: mm
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP30138
15 ±0.3
15 ±0.3
3.8 ±0.1
CP30238
20 ±0.3
20 ±0.3
3.8 ±0.1
CP30338
30 ±0.3
30 ±0.3
3.8 ±0.1
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com