Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDSL072PD Datasheet(PDF) 1 Page - Belden Inc.

Part # FDSL072PD
Description  Indoor/Outdoor Plenum Loose Tube OS2 72 Fibers Dry Block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FDSL072PD Datasheet(HTML) 1 Page - Belden Inc.

  FDSL072PD Datasheet HTML 1Page - Belden Inc. FDSL072PD Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FDSL072PD
Indoor/Outdoor Plenum Loose Tube OS2 72 Fibers Dry Block
Product Description
FX Indoor/Outdoor Loose Tube OS2 72 Fibers OFNP Sub-Units(12F) Dry Black
Technical Specifications
Product Overview
Suitable Applications:
Campus Area Network, Backbone
Fiber Specifications
Fiber Type:
OS2
Fiber Core Diameter:
8.2/125 µm
Fiber Diameter:
250 µm
Fiber Count:
72
Fiber Color Coding:
TIA-598-D
Cable Construction
Number of Active Subunits:
6
Number of Fillers:
0
Fibers Per Subunit:
12
Subunit Waterblocking:
Gel Free
Subunit Diameter:
0.110 in (2.8 mm)
Subunit Color:
TIA-598-D
Subunit Strength Members:
Waterblocking aramid yarns
Central Strength Member:
Upjacketed GRP
Core Wrap:
Waterblocking tape
Cable Core Waterblocking:
Waterblock Tape
Outer Jacket Specifications
Strength Member:
Waterblocking Aramid Yarns
Jacket Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.400 in (10.2 mm)
Number of Ripcords:
2
Optical Characteristics
Wavelength
1310 nm
1550 nm
Max. Attenuation
0.35 dB/km 0.25 dB/km
Mode Field Diameter
9.2 µm
10.4 µm
1 Gigabit Ethernet Performance
5,000 m
-
10 Gigabit Ethernet Performance 10,000 m
40,000 m
Mechanical Characteristics
Min. Bend Radius During Installation:
15x Cable OD
Min. Bend Radius During Operation:
10x Cable OD


Similar Part No. - FDSL072PD

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FDSL072RD BELDEN-FDSL072RD Datasheet
142Kb / 2P
Indoor/Outdoor Riser Loose Tube OS2 72 Fibers Dry Block
11-09-2022
FDSL072RG BELDEN-FDSL072RG Datasheet
142Kb / 2P
Indoor/Outdoor Riser Loose Tube OS2 72 Fibers Gel Block
11-09-2022
More results

Similar Description - FDSL072PD

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FD1L072PD BELDEN-FD1L072PD Datasheet
143Kb / 2P
Indoor/Outdoor Plenum Loose Tube OM1 72 Fibers Dry Block
11-09-2022
FD2L072PD BELDEN-FD2L072PD Datasheet
143Kb / 2P
Indoor/Outdoor Plenum Loose Tube OM2 72 Fibers Dry Block
11-09-2022
FD3L072PD BELDEN-FD3L072PD Datasheet
143Kb / 2P
Indoor/Outdoor Plenum Loose Tube OM3 72 Fibers Dry Block
11-09-2022
FD4L072PD BELDEN-FD4L072PD Datasheet
143Kb / 2P
Indoor/Outdoor Plenum Loose Tube OM4 72 Fibers Dry Block
11-09-2022
FDSL024PD BELDEN-FDSL024PD Datasheet
139Kb / 2P
Indoor/Outdoor Plenum Loose Tube OS2 24 Fibers Dry Block
11-09-2022
FDSL036PD BELDEN-FDSL036PD Datasheet
140Kb / 2P
Indoor/Outdoor Plenum Loose Tube OS2 136 Fibers Dry Block
11-09-2022
FDSL048PD BELDEN-FDSL048PD Datasheet
142Kb / 2P
Indoor/Outdoor Plenum Loose Tube OS2 48 Fibers Dry Block
11-09-2022
FDSL072RD BELDEN-FDSL072RD Datasheet
142Kb / 2P
Indoor/Outdoor Riser Loose Tube OS2 72 Fibers Dry Block
11-09-2022
FDSL096PD BELDEN-FDSL096PD Datasheet
142Kb / 2P
Indoor/Outdoor Plenum Loose Tube OS2 96 Fibers Dry Block
11-09-2022
FDSL144PD BELDEN-FDSL144PD Datasheet
143Kb / 2P
Indoor/Outdoor Plenum Loose Tube OS2 144 Fibers Dry Block
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com