Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3686 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3686
Description  Dual Positive Voltage Relay Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3686 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3686 Datasheet HTML 1Page - National Semiconductor (TI) DS3686 Datasheet HTML 2Page - National Semiconductor (TI) DS3686 Datasheet HTML 3Page - National Semiconductor (TI) DS3686 Datasheet HTML 4Page - National Semiconductor (TI) DS3686 Datasheet HTML 5Page - National Semiconductor (TI) DS3686 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
15V
Output Voltage
56V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1133 mW
Molded Package
1022 mW
TO-5 Package
787 mW
Lead Temperature (Soldering 4 seconds)
260 C
Derate cavity package 76 mW C above 25 C derate molded package 82
mW C above 25 C derate TO-5 package 52 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
475
525
V
Temperature TA
0
g
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical ‘‘1’’ Input Voltage
RL e 180X VL e 54V VO s 25V
20
V
IIH
Logical ‘‘1’’ Input Current
VCC e Max VIN e 55V
001
40
m
A
VIL
Logical ‘‘0’’ Input Voltage
RL e 180X VL e 54V VO s 538V
08
V
IIL
Logical ‘‘0’’ Input Current
VCC e Max VIN e 04V
b
150
b
250
m
A
VCD
Input Clamp Voltage
VCC e 5V ICLAMP eb12 mA TA e 25 C
b
10
b
15
V
VOH
Output Breakdown
VCC e Max VIN e 0V IOUT e 5mA
56
65
V
IOH
Output Leakage
VCC e Max VIN e 04V VOUT e 54V
05
250
m
A
VOL
Output ON Voltage
VCC e Min
DS3686
IOL e 100 mA
085
10
V
VIN e 24V
IOL e 300 mA
10
12
V
ICC(1)
Supply Current (Both Drivers)
VCC e Max VIN e 0V Outputs Open
2
4
mA
ICC(0)
Supply Current (Both Drivers)
VCC e Max V IN e 3V Outputs Open
18
28
mA
tPD0
Propagation Delay to a Logical ‘‘0’’
CL e 15 pF VL e 10V RL e 50X
50
ns
(Output Turn ON)
TA e 25 C VCC e 5V
tPD1
Propagation Delay to a Logical ‘‘1’’
CL e 15 pF VL e 10V RL e 50X
1
m
s
(Output Turn OFF)
TA e 25 C VCC e 5V
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto a70 C range for the DS3686 All typicals are given for VCC e 5V and TA e 25 C
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com