Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC109DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC109DB
Description  Dual JK flip-flop with set and reset; positive-edge trigger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC109DB Datasheet(HTML) 6 Page - NXP Semiconductors

  74HC109DB Datasheet HTML 1Page - NXP Semiconductors 74HC109DB Datasheet HTML 2Page - NXP Semiconductors 74HC109DB Datasheet HTML 3Page - NXP Semiconductors 74HC109DB Datasheet HTML 4Page - NXP Semiconductors 74HC109DB Datasheet HTML 5Page - NXP Semiconductors 74HC109DB Datasheet HTML 6Page - NXP Semiconductors 74HC109DB Datasheet HTML 7Page - NXP Semiconductors 74HC109DB Datasheet HTML 8Page - NXP Semiconductors 74HC109DB Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1997 Nov 25
6
Philips Semiconductors
Product specification
Dual JK flip-flop with set and reset;
positive-edge trigger
74HC/HCT109
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: flip-flops
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
nCP to nQ, nQ
20
35
44
53
ns
4.5
Fig.6
tPLH
propagation delay
nSD to nQ
13
26
33
39
ns
4.5
Fig.7
tPHL
propagation delay
nSD to nQ
19
35
44
53
ns
4.5
Fig.7
tPHL
propagation delay
nRD to nQ
19
35
44
53
ns
4.5
Fig.7
tPLH
propagation delay
nRD to nQ
16
32
40
48
ns
4.5
Fig.7
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
18
9
23
27
ns
4.5
Fig.6
tW
set or reset pulse width
HIGH or LOW
16
8
20
24
ns
4.5
Fig.7
trem
removal time
nSD, nRD to nCP
16
8
20
24
ns
4.5
Fig.7
tsu
set-up time
nJ, nK to nCP
18
8
23
27
ns
4.5
Fig.6
th
hold time
nJ, nK to nCP
3
−3
3
3
ns
4.5
Fig.6
fmax
maximum clock
pulse frequency
27
55
22
18
MHz
4.5
Fig.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com