Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC123D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC123D
Description  Dual retriggerable monostable multivibrator with reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC123D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC123D Datasheet HTML 4Page - NXP Semiconductors 74HC123D Datasheet HTML 5Page - NXP Semiconductors 74HC123D Datasheet HTML 6Page - NXP Semiconductors 74HC123D Datasheet HTML 7Page - NXP Semiconductors 74HC123D Datasheet HTML 8Page - NXP Semiconductors 74HC123D Datasheet HTML 9Page - NXP Semiconductors 74HC123D Datasheet HTML 10Page - NXP Semiconductors 74HC123D Datasheet HTML 11Page - NXP Semiconductors 74HC123D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
1998 Jul 08
8
Philips Semiconductors
Product specification
Dual retriggerable monostable
multivibrator with reset
74HC/HCT123
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS/
NOTES
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min.
max.
tPHL
propagation delay
nRD, nA, nB to nQ
30
51
64
77
ns
4.5
CEXT = 0 pF;
REXT =5kΩ
tPLH
propagation delay
nRD, nA, nB to nQ
28
51
64
77
ns
4.5
CEXT = 0 pF;
REXT =5kΩ
tPHL
propagation delay
nRD to nQ (reset)
27
46
58
69
ns
4.5
CEXT = 0 pF;
REXT =5kΩ
tPLH
propagation delay
nRD to nQ (reset)
23
46
58
69
ns
4.5
CEXT = 0 pF;
REXT =5kΩ
tTHL / tTLH output transition time
7
15
19
22
ns
4.5
tW
trigger pulse width
nA = LOW
20
3
25
30
ns
4.5
Fig.7
tW
trigger pulse width
nB = HIGH
20
5
25
30
ns
4.5
Fig.7
tW
reset pulse width
nRD = LOW
20
7
25
30
ns
4.5
Fig.8
tW
output pulse width
nQ = HIGH
nQ = LOW
450
−−
µs
5.0
CEXT = 100 nF;
REXT =10kΩ;
Figs 7 and 8
tW
output pulse width
nQ = HIGH
nQ = LOW
75
−−
ns
5.0
CEXT = 0 pF;
REXT =5kΩ;
note 1; Figs 7 and 8
trt
retrigger time
nA, nB
110
−−
ns
5.0
CEXT = 0 pF;
REXT =5kΩ;
note 2; Fig.7
REXT
external timing
resistor
2
1000
−−
k
Ω
5.0
Fig.9
CEXT
external timing
capacitor
no limits
pF
5.0
Fig.9; note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com