Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL3012 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # QL3012
Description  60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3012 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button QL3012 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL3012 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
36
Preliminary
8-36
Military Plastic pASIC 3 Family
Pin Descriptions
Ordering Information
Pin
Function
Description
TDI
Test Data In for JTAG
Hold HIGH during normal operation. Connect to
VCC if not used for JTAG.
TRSTB
Active low Reset for JTAG
Hold LOW during normal operation. Connect to
ground if not used for JTAG.
TMS
Test Mode Select for JTAG
Hold HIGH during normal operation. Connect to
VCC if not used for JTAG.
TCK
Test Clock for JTAG
Hold HIGH or LOW during normal operation.
Connect to VCC or ground if not used for JTAG.
TDO
Test data out for JTAG
Output that must be left unconnected if not used for
JTAG.
STM
Special Test Mode
Must be grounded during normal operation.
I/ACLK
High-drive input and/or
array network driver
Can be configured as either or both.
I/GCLK
High-drive input and/or
global network driver
Can be configured as either or both.
I
High-drive input
Use for input signals with high fanout.
I/O
Input/Output pin
Can be configured as an input and/or output.
VCC
Power supply pin
Connect to 3.3V supply.
VCCIO
Input voltage tolerance pin
Connect to 5.0 volt supply if 5 volt input tolerance is
required, otherwise connect to 3.3V supply.
GND
Ground pin
Connect to ground.
GND/THERM
Ground/Thermal pin
Available on 456-PBGA only. Connect to ground
plane on PCB if heat sinking desired. Otherwise
may be left unconnected.
QL 3060 –1 PQ208 M
Operating Range
M = Military
Package Code
PL84 = 84-pin PLCC
PQ208 = 208-pin PQFP
QuickLogic
pASIC device
pASIC 3 device
part number
3012
3025
3040
3060
Speed Grade
0 = quick
1 = fast
2 = faster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com