Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC162 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC162
Description  Presettable synchronous BCD decade counter; synchronous reset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC162 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC162 Datasheet HTML 1Page - NXP Semiconductors 74HC162 Datasheet HTML 2Page - NXP Semiconductors 74HC162 Datasheet HTML 3Page - NXP Semiconductors 74HC162 Datasheet HTML 4Page - NXP Semiconductors 74HC162 Datasheet HTML 5Page - NXP Semiconductors 74HC162 Datasheet HTML 6Page - NXP Semiconductors 74HC162 Datasheet HTML 7Page - NXP Semiconductors 74HC162 Datasheet HTML 8Page - NXP Semiconductors 74HC162 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
December 1990
3
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
counter; synchronous reset
74HC/HCT162
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
MR
synchronous master reset (active LOW)
2
CP
clock input (LOW-to-HIGH, edge-triggered)
3, 4, 5, 6
D0 to D3
data inputs
7
CEP
count enable input
8
GND
ground (0 V)
9
PE
parallel enable input (active LOW)
10
CET
count enable carry input
14, 13, 12, 11
Q0 to Q3
flip-flop outputs
15
TC
terminal count output
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com