Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7604 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM7604
Description  Low Power Crystal Oscillator 32.768 kHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM7604 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM7604 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM7604 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM7604 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM7604 Datasheet HTML 4Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R
EM7604
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.A
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Voltage at VDD to VSS
VDD
-0.3V to +6V
Minimun voltage
VMIN
VSS – 0.3V
Maximun voltage
VMAX
VDD + 0.3V
Storage Temperature Range
TSTG
-55°C to +150°C
Maximum soldering
TSmax
260°C x 20s
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability
or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precautions
must be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur when
all terminal voltages are kept within the voltage range.
Unused inputs must always be tied to a defined logic
voltage level.
Operating Conditions
Parameter
Symbol Min
Max
Unit
Supply voltage
VDD
1.2
5.5
V
Operating Temperature
TA
-40
+125
°C
Electrical Characteristics
Unless otherwise specified: VDD= 3.0V, VSS= 0V, TA=25°C and RS= 60kΩ
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply voltage range
VDD
1.2
3.0
5.5
V
Current consumption
IDD1
VDD= 5.0V, OE at VSS
300
550
nA
(Note1)
VDD= 3.0V, OE at VSS
250
500
nA
VDD= 2.0V, OE at VSS
250
500
nA
VDD= 5.0V, OE at VSS
Top=-40 to +85°C
750
1000
nA
VDD= 3.0V, OE at VSS
Top=-40 to +85°C
650
900
nA
VDD= 2.0V, OE at VSS
Top=-40 to +85°C
650
900
nA
Oscillator
Input Capacitance
CIN
16
pF
Output Capacitance
COUT
16
pF
Start Up Voltage
VSTARTUP
tSTART < 3s
1.2
Start Up Time
tSTARTUP
0.4
0.8
s
Frequency Stability against
Supply Voltage Variations
Δf/f *ΔV
1.5 ≤ VDD ≤ 5.5V
0.2
2
ppm/V
Input
Input Voltage
VIL
VSS
0.2 x VDD
V
VIH
0.8 x VDD
VDD
V
Output
Duty Cycle
40
50
60
%
Output Voltage
VOH
IOH = -1.0 mA, VDD= 5.0V
VDD-0.4
VDD-0.1
V
VOL
IOL = 1.0 mA, VDD= 5.0V
0.14
0.4
V
Output Rise and Fall Time
tRF
CL = 15pF
10% - 90%
70
100
ns
Note1: The current consumption when the output clock is enabled (OE pin at VDD) is a function of the load capacitance on the
OUT pin, the output frequency fOUT = 32768Hz and the supply voltage VDD.
The additional consumption for a given load can be calculated from: ΔIDD = CLOAD x VDD x fO



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com