Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6522 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6522
Description  This board contains the different MFP?셲
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6522 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6522 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EMDB65xx
Copyright © 2005, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
EM MICROELECTRONIC - MARIN SA
2.2 HARDWARE BOARD VERSIONNING
DemoBoard V2.0
2.3 DEMOBOARD DESCRIPTION
PCB size : 180 mm X 160mm
User area
1.27mm
User area
2.54mm
BT1
P1
P2
JP12
JP13
JP14
C1
Reset
LCDA, B, or C
1 2 3 4 5 6 7 8
EM6503
EM6517
EM6540
EM6504
EM6520
EM6521
EM6522
Buzzer
JP15
ISP65xx
ISP6580
CP1
JP16
JP1
JP3
JP4
JP2
JP5
S1
S2
S3
S4
S5
DS1
DS2
DS3
DS4
DS5
JP6
JP7
JP8
JP9
JP10
JP11
JP17
DIP1
S6
EM6580



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com