Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMDB6812 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EMDB6812
Description  The EMDB6812 is based on two PCBs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EMDB6812 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EMDB6812 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EMDB6812 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
R
EMDB6812
Copyright © 2004, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
2.3.1
Connector description
2.3.1.1.
CON1
In-System-Programming connector (compatibility Elnec programmer ISP cable)
Header 2x5 male – 2.54 mm
1
Power
VDD_IN
EM6812 VDD supply
2
X
N.C.
No Connect
3
In
RST_EXT
External reset
4
X
N.C.
No Connect
5
X
N.C.
No Connect
6
Inout
SDIO
Data IO program.
7
Power
GND
Ground
8
In
SCLK
Clock program
9
Power
GND
Ground
10
Power
VPP/TESTISP
VPP/TESTISP program.
2.3.1.2.
CON2
User connector
Header 1x8 male – 2.54 mm
1
Power
GND
Ground
2
Power
VDD_EXT
External VDD supply
3
In
RST_EXT
External reset
4
In
OSCIN_EXT
External OSCIN connection
5
In
OSCOUT_EXT
External OSCOUT connection
6
X
N.C.
No Connect
7
Power
VDD_IN
EM6812 VDD supply
8
Power
GND
Ground
2.3.1.3.
CON3, CON4
Port user connector
Header 2x10 male – 2.54 mm
1
Power
GND
Ground
2
Power
GND
Ground
3
Inout
PA0
Port A bit 0
4
Inout
PB0
Port B bit 0
5
Inout
PA1
Port A bit 1
6
Inout
PB1
Port B bit 1
7
Inout
PA2
Port A bit 2
8
Inout
PB2
Port B bit 2
9
Inout
PA3
Port A bit 3
10
Inout
PB3
Port B bit 3
11
Inout
PA4
Port A bit 4
12
Inout
PB4
Port B bit 4
13
Inout
PA5
Port A bit 5
14
Inout
PB5
Port B bit 5
15
Inout
PA6
Port A bit 6
16
Inout
PB6
Port B bit 6
17
Inout
PA7
Port A bit 7
18
Inout
PB7
Port B bit 7
19
Power
GND
Ground
20
Power
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com