Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6301FSP5B Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # V6301FSP5B
Description  Ultra Low Power 3-Pin Power-On Reset IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6301FSP5B Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  V6301FSP5B Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6301FSP5B Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6301FSP5B Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6301FSP5B Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6301FSP5B Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6301FSP5B Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
R
V6300
V6301
Copyright © 2006, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Pin Description
TO-92
Pin
Name
Function
1
VDD
Positive supply
2
RES or RES
Reset output
3
VSS
Supply ground
Table 5
SOT23-5L
Pin
Name
Function
1
NC
No connection
2
VSS
Supply ground
3
NC
No connection
4
RES or RES
Reset output
5
VDD
Positive supply
Table 6
Pin Assignment
TO-92
(ammopack)
V6300
23
1
5
4
VSS
RES or
RES
VDD
NC
NC
SOT23-5L
VDD
VSS
RES
or
RES
V6300
123
Fig. 7
Packaging and Ordering Information
Dimensions of SOT23-5L Package
Fig. 5
Dimensions of TO-92 Package (ammopack)
Dimensions in mm
Min
Nom
Max
A
4.32
4.95
D
4.45
4.95
F1/F2
2.44
2.54
2.94
H
18.00
18.00
20.00
H0
15.50
16.00
16.50
F1
F2
H
H0
12
3
D
A
Fig. 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com