Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC161D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC161D
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC161D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC161D Datasheet HTML 3Page - NXP Semiconductors 74HC161D Datasheet HTML 4Page - NXP Semiconductors 74HC161D Datasheet HTML 5Page - NXP Semiconductors 74HC161D Datasheet HTML 6Page - NXP Semiconductors 74HC161D Datasheet HTML 7Page - NXP Semiconductors 74HC161D Datasheet HTML 8Page - NXP Semiconductors 74HC161D Datasheet HTML 9Page - NXP Semiconductors 74HC161D Datasheet HTML 10Page - NXP Semiconductors 74HC161D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
December 1990
7
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
counter; asynchronous reset
74HC/HCT161
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
61
22
18
190
38
32
240
48
41
285
57
48
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
CP to TC
69
25
20
215
43
37
270
54
46
325
65
55
ns
2.0
4.5
6.0
Fig.8
tPHL
propagation delay
MR to Qn
63
23
18
210
42
36
265
53
45
315
63
54
ns
2.0
4.5
6.0
Fig.9
tPHL
propagation delay
MR to TC
63
23
18
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.9
tPHL/ tPLH
propagation delay
CET to TC
33
12
10
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.10
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Figs 8 and 10
tW
clock pulse width
HIGH or LOW
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tW
master reset pulse
width; LOW
80
16
14
19
7
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.9
trem
removal time
MR to CP
100
20
17
19
7
6
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.9
tsu
set-up time
Dn to CP
80
16
14
25
9
7
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.11
tsu
set-up time
PE to CP
100
20
17
30
11
9
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com