Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP053-4M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HSP053-4M5
Description  4-line ESD protection for high speed lines
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP053-4M5 Datasheet(HTML) 3 Page - STMicroelectronics

  HSP053-4M5 Datasheet HTML 1Page - STMicroelectronics HSP053-4M5 Datasheet HTML 2Page - STMicroelectronics HSP053-4M5 Datasheet HTML 3Page - STMicroelectronics HSP053-4M5 Datasheet HTML 4Page - STMicroelectronics HSP053-4M5 Datasheet HTML 5Page - STMicroelectronics HSP053-4M5 Datasheet HTML 6Page - STMicroelectronics HSP053-4M5 Datasheet HTML 7Page - STMicroelectronics HSP053-4M5 Datasheet HTML 8Page - STMicroelectronics HSP053-4M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Table 2. Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR
Breakdown voltage
IR = 1 mA
5.3
5.8
V
VRM
Reverse working voltage
5
IRM
Leakage current
VRM = 3.6 V per line
< 1
50
nA
VRM = 5 V per line
3
70
VCL
Reverse Clamping voltage
Ipp = 3A, 8/20µs
HSP051-4M5
11.3
V
TLP measurement (pulse
duration 100 ns), 16 A Ipp
HSP051-4M5
13.7
HSP053-4M5
19.5
8 kV contact discharge after
30 ns, IEC 61000-4-2
HSP051-4M5
13
HSP053-4M5
16
Rd
Dynamic resistance,
TLP measurement
(pulse duration 100 ns)
I/O to GND
HSP051-4M5
0.35
Ω
HSP053-4M5
0.68
GND to I/O
HSP051-4M5
0.45
HSP053-4M5
0.65
CI/O - I/O
Capacitance
VI/O = 0 V,
VOSC = 30 mV
F = 2.5 GHZ to 9 GHz
HSP051-4M5
0.20
0.30
pF
HSP053-4M5
0.15
0.20
CI/O - GND
F = 200 MHZ to 2.5 GHz
HSP051-4M5
0.60
0.76
HSP053-4M5
0.35
0.5
F = 2.5 GHZ to 9 GHz
HSP051-4M5
0.35
0.43
HSP053-4M5
0.25
0.4
fC
Differential mode cut-off frequency at - 3dB
HSP051-4M5
11.5
GHz
HSP053-4M5
18
HSP051-4M5, HSP053-4M5
Characteristics
DS11462 - Rev 4
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com