Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS4260LTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # IPS4260LTR
Description  Quad low-side intelligent power switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS4260LTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button IPS4260LTR Datasheet HTML 3Page - STMicroelectronics IPS4260LTR Datasheet HTML 4Page - STMicroelectronics IPS4260LTR Datasheet HTML 5Page - STMicroelectronics IPS4260LTR Datasheet HTML 6Page - STMicroelectronics IPS4260LTR Datasheet HTML 7Page - STMicroelectronics IPS4260LTR Datasheet HTML 8Page - STMicroelectronics IPS4260LTR Datasheet HTML 9Page - STMicroelectronics IPS4260LTR Datasheet HTML 10Page - STMicroelectronics IPS4260LTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
3
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 55
V
VZ
Internal clamp diode supply
-0.3 to 55
V
VLOADx
Power stage (LOADx channel) voltage
-0.3 to VDEMAG
V
VINx
INx pin voltage
-0.3 to 5.5
V
IINx
INx pin current
-10 to +10
mA
VCOD, VILIM
CoD and ILIM pin voltage
5.5
V
ICOD, IILIM
CoD and ILIM pin current
-1/+5
mA
VOD
Open drain fault pins (FLT and OL) voltage
-0.3 to 5.5
V
IOD
Open drain fault pins (FLT and OL) current
-10/10
mA
ICC
Maximum DC reverse current (from GND to VCC)
-250
mA
ILOADHx
Power stage (LOADx channel) current
Internally limited
A
-ILOADHx
Reverse current on LOADx channel
5
A
EAS
Single pulse avalanche energy per channel not
simultaneously @TAMB= 125 °C, ILOAD = 500 mA, VZ
pins floating
0.9
J
PTOT
Power dissipation at TC = 25 °C
Internally limited
W
TSTG
Storage temperature range
-55 to 150
°C
TJ
Junction temperature
-40 to 150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All voltages are referenced to GND.
Table 3. Thermal data
Symbol
Termal resistance
Conditions
Value
Unit
RTH(JA)
Junction to ambient
2s2p (4L) board
Natural convection(1)
43
°C/W
RTH(J-C)
Junction to case
Cold plate (infinite
headsink like)(2)
3
°C/W
1. JESD51-7.
2. JESD51-12.01
IPS4260L
Absolute maximum ratings
DS12305 - Rev 5
page 7/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com