Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3G4ISTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L3G4ISTR
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4ISTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L3G4ISTR Datasheet HTML 12Page - STMicroelectronics L3G4ISTR Datasheet HTML 13Page - STMicroelectronics L3G4ISTR Datasheet HTML 14Page - STMicroelectronics L3G4ISTR Datasheet HTML 15Page - STMicroelectronics L3G4ISTR Datasheet HTML 16Page - STMicroelectronics L3G4ISTR Datasheet HTML 17Page - STMicroelectronics L3G4ISTR Datasheet HTML 18Page - STMicroelectronics L3G4ISTR Datasheet HTML 19Page - STMicroelectronics L3G4ISTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Application hints
L3G4IS
16/24
Doc ID 022612 Rev 1
6
Application hints
Figure 3.
L3G4IS electrical connections and external component values
Table 12.
External components
Type description
Value
Purpose
C1 = C3
1 µF
Decoupling
C2 = C4
100 pF
Decoupling
C5(1)
1.
This value must guarantee a minimum of 1 nF value under 11 V bias condition.
10 nF (25 V class)
Charge pump
C6
220 nF (5 V class)
Internal regulator
Rpu
10 k
Ω
AVdd
GND
C6
GND
SCL
DRDY
GND
SDA
Vdd_IO_SPI
1
8
12
5
49
13
16
TOP
VIEW
INT
(TOP VIEW)
DIRECTIONS OF THE
DETECTABLE
ANGULAR RATES
X
+Ω
Z
+Ω
X
+Ω
Y
Rpu = 10kOhm
Rpu
SCL
SDA
Pull-up to be added on I2C lines
14
GND
SCL_OIS
CS_OIS
SDI/SDO_OIS
Res
Res
Res
C5
C1
C2
C4
C3
HAVdd
VddI2Cbus
Rpu = 10kOhm
Rpu
INT
DRDY
Pull-up to be added on INT and DRDY signals
VddI2Cbus
AM10236V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com