Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC595RM13TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # M74HC595RM13TR
Description  8-bit shift register with output latches (3-state)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC595RM13TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M74HC595RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC595RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC595RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC595RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC595RM13TR Datasheet HTML 9Page - STMicroelectronics M74HC595RM13TR Datasheet HTML 10Page - STMicroelectronics M74HC595RM13TR Datasheet HTML 11Page - STMicroelectronics M74HC595RM13TR Datasheet HTML 12Page - STMicroelectronics M74HC595RM13TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DocID1989 Rev 6
9/22
M74HC595
Electrical characteristics
22
Table 7. AC electrical characteristics (CL = 50 pF, input tr = tf = 6 ns)
Symbol
Parameter
Test condition
Value
Unit
VCC (V) CL (pF)
TA = 25°C
-40 to 85°C -55 to 125°C
Min. Typ. Max. Min. Max. Min.
Max.
tTLH, tTHL
Output
transition time
(Qn)
2.0
50
25
60
75
90
ns
4.5
7
12
15
18
6.0
6
10
13
15
tTLH, tTHL
Output
transition time
(QH’)
2.0
50
30
75
95
115
ns
4.5
8
15
19
23
6.0
7
13
16
20
tPLH, tPHL
Propagation
delay time
(SCK - QH’)
2.0
50
45
125
155
190
ns
4.5
15
25
31
38
6.0
13
21
26
32
tPLH, tPHL
Propagation
delay time
(SCLR - QH’)
2.0
50
60
175
220
265
ns
4.5
18
35
44
53
6.0
15
30
37
45
tPLH, tPHL
Propagation
delay time
(RCK - Qn)
2.0
50
60
150
190
225
ns
4.5
20
30
38
45
6.0
17
26
32
38
2.0
150
75
190
240
285
ns
4.5
25
38
48
57
6.0
22
32
41
48
tPZL, tPZH
High
impedance
output enable
time
2.0
50
RL = 1 KΩ
45
135
170
205
ns
4.5
15
27
34
41
6.0
13
23
29
35
2.0
150
RL = 1 KΩ
60
175
220
265
ns
4.5
20
35
44
53
6.0
17
30
37
45
tPLZ, tPHZ
High
impedance
output disable
time
2.0
50
RL = 1 KΩ
30
150
190
225
ns
4.5
15
30
38
45
6.0
14
26
32
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com