Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD10NC60KDT4 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGD10NC60KDT4
Description  10 A, 600 V short-circuit rugged IGBT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10NC60KDT4 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGD10NC60KDT4 Datasheet HTML 16Page - STMicroelectronics STGD10NC60KDT4 Datasheet HTML 17Page - STMicroelectronics STGD10NC60KDT4 Datasheet HTML 18Page - STMicroelectronics STGD10NC60KDT4 Datasheet HTML 19Page - STMicroelectronics STGD10NC60KDT4 Datasheet HTML 20Page - STMicroelectronics STGD10NC60KDT4 Datasheet HTML 21Page - STMicroelectronics STGD10NC60KDT4 Datasheet HTML 22Page - STMicroelectronics STGD10NC60KDT4 Datasheet HTML 23Page - STMicroelectronics STGD10NC60KDT4 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Package information
STGB10NC60KDT4, STGD10NC60KDT4,
STGF10NC60KD, STGP10NC60KD
20/30
DocID11423 Rev 7
4.4
TO-220FP package information
Figure 28: TO-220FP package outline
7012510_Rev_12_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com