Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT166 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT166
Description  8-bit parallel-in/serial-out shift register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT166 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT166 Datasheet HTML 2Page - NXP Semiconductors 74HCT166 Datasheet HTML 3Page - NXP Semiconductors 74HCT166 Datasheet HTML 4Page - NXP Semiconductors 74HCT166 Datasheet HTML 5Page - NXP Semiconductors 74HCT166 Datasheet HTML 6Page - NXP Semiconductors 74HCT166 Datasheet HTML 7Page - NXP Semiconductors 74HCT166 Datasheet HTML 8Page - NXP Semiconductors 74HCT166 Datasheet HTML 9Page - NXP Semiconductors 74HCT166 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
December 1990
8
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74HC/HCT166
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Q7
23
40
50
60
ns
4.5
Fig.7
tPHL
propagation delay
MR to Q7
22
40
50
60
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.7
tW
clock pulse width
HIGH or LOW
20
9
25
30
ns
4.5
Fig.7
tW
master reset pulse width
LOW
25
11
31
38
ns
4.5
Fig.8
trem
removal time
MR to CP
0
−7
0
0
ns
4.5
Fig.8
tsu
set-up time
Dn, CE to CP
16
8
20
24
ns
4.5
Fig.9
tsu
set-up time
PE to CP
30
15
38
45
ns
4.5
Fig.8
th
hold time
Dn, CE to CP
0
−3
0
0
ns
4.5
Fig.9
th
hold time
PE to CP
0
−13
0
0
ns
4.5
Fig.9
fmax
maximum clock pulse
width
25
45
20
17
MHz
4.5
Fig.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com