Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4002 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4002
Description  Standalone Li-Ion Switch Mode Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 4 Page - Linear Technology

  LTC4002 Datasheet HTML 1Page - Linear Technology LTC4002 Datasheet HTML 2Page - Linear Technology LTC4002 Datasheet HTML 3Page - Linear Technology LTC4002 Datasheet HTML 4Page - Linear Technology LTC4002 Datasheet HTML 5Page - Linear Technology LTC4002 Datasheet HTML 6Page - Linear Technology LTC4002 Datasheet HTML 7Page - Linear Technology LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4002
4
4002f
ELECTRICAL CHARACTERISTICS (LTC4002-8.4) The ● denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VCC = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VNTC-HOT
NTC Pin Threshold Voltage (Hot)
VNTC Falling
●
340
355
370
mV
Hysteresis
25
mV
VNTC-COLD NTC Pin Threshold Voltage (Cold)
VNTC Rising
●
2.428
2.465
2.502
V
Hysteresis
170
mV
∆VRECHRG Recharge Battery Voltage Offset from Full
VBAT(FULLCHARGED) – VRECHRG, VBAT Falling
200
300
400
mV
Charged Battery Voltage
ILEAK
CHRG Pin Leakage Current
VCHRG = 8V, Charging Stops
1
µA
Oscillator
fOSC
Switching Frequency
450
500
550
kHz
DC
Maximum Duty Cycle
100
%
Gate Drive
tr
Rise Time
CGATE = 2000pF, 10% to 90%
20
ns
tf
Fall Time
CGATE = 2000pF, 90% to 10%
50
ns
∆VGATE
Output Clamp Voltage
VCC – VGATE
●
8V
∆VGATEHI
Output High Voltage
∆VGATEHI = VCC – VGATE
●
0.3
V
∆VGATELO
Output Low Voltage
∆VGATELO = VCC – VGATE
●
4.5
V
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Temperature
Supply Current vs VCC
Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
–50
3.5
4.0
25
75
4002
G01
3.0
–25
0
50
100
125
2.5
VCC (V)
5
3
25
4002 G02
2
10
15
20
4
CURRENT MODE
TEMPERATURE (°C)
–50
25
4002 G03
500
–25
0
50
450
550
75
100
125
TA = 25°C, VCC = 10V unless otherwise noted.
Note 1: Absolute Maximum Rating are those values beyond which the life
of a device may be impaired.
Note 2: The LTC4002 is tested with Test Circuit 1.
Note 3: The LTC4002 is tested with Test Circuit 2.
Note 4: The LTC4002 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com