Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL805 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BUL805
Description  High voltage fast-switching NPN Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL805 Datasheet(HTML) 4 Page - STMicroelectronics

  BUL805 Datasheet HTML 1Page - STMicroelectronics BUL805 Datasheet HTML 2Page - STMicroelectronics BUL805 Datasheet HTML 3Page - STMicroelectronics BUL805 Datasheet HTML 4Page - STMicroelectronics BUL805 Datasheet HTML 5Page - STMicroelectronics BUL805 Datasheet HTML 6Page - STMicroelectronics BUL805 Datasheet HTML 7Page - STMicroelectronics BUL805 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical characteristics
BUL805
4/8
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =-1.5V)
VCE =800V
VCE =800V
Tj =125°C
100
500
µA
µA
ICEO
Collector cut-off current
(IB =0)
VCE =450V
250
µA
VEBO
Emitter-base voltage
(IC = 0)
IE =10mA
9V
VCEO(sus) (1)
Collector-emitter
sustaining voltage
(IB = 0)
IC =100mA
L =25mH
450
V
VCE(sat) (1) Collector-emitter
saturation voltage
IC =1A
IB =0.2A
IC =2A
IB =0.4A
IC =3A
IB =0.6A
0.4
0.6
0.8
V
V
V
VBE(sat) (1)
Base-emitter saturation
voltage
IC =1A
IB =0.2A
IC =2A
IB =0.4A
IC =3A
IB =0.6A
1.1
1.3
1.5
V
V
V
hFE
DC current gain
IC =10mA
VCE =5V
IC =2A
VCE =5V
10
10
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com