Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2001DIE1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STE2001DIE1
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001DIE1 Datasheet(HTML) 3 Page - STMicroelectronics

  STE2001DIE1 Datasheet HTML 1Page - STMicroelectronics STE2001DIE1 Datasheet HTML 2Page - STMicroelectronics STE2001DIE1 Datasheet HTML 3Page - STMicroelectronics STE2001DIE1 Datasheet HTML 4Page - STMicroelectronics STE2001DIE1 Datasheet HTML 5Page - STMicroelectronics STE2001DIE1 Datasheet HTML 6Page - STMicroelectronics STE2001DIE1 Datasheet HTML 7Page - STMicroelectronics STE2001DIE1 Datasheet HTML 8Page - STMicroelectronics STE2001DIE1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3/36
STE2001
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
DC OPERATION
(VDD1 = 1.9 to VDD2,3 + 0.5V; VDD2,3 = 2.4 to 4.5 V; Vss1,2= 0V; VLCD = 4.5 to 9V; Tamb =-40 to 85°C; unless otherwise
specified)
Symbol
Parameter
Value
Unit
VDD1
Supply Voltage Range
- 0.5 to + 6.5
V
VDD2,3
Supply Voltage Range
- 0.5 to + 5
V
VLCD
LCD Supply Voltage Range
- 0.5 to + 10
V
ISS
Supply Current
- 50 to +50
mA
Vi
Input Voltage (all input pads)
-0.5 to VDD2,3 + 0.5
V
Iin
DC Input Current
- 10 to + 10
mA
Iout
DC Output Current
- 10 to + 10
mA
Ptot
Total Power Dissipation (Tj =85°C)
300
mW
Po
Power Dissipation per Output
30
mW
Tj
Operating Junction Temperature
-40 to + 85
°C
Tstg
Storage Temperature
- 65 to 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltages
VDD1
Supply Voltage
1.9
VDD2,3
+0.5
V
Tamb =-20 to 85°C
1.8
VDD2,3
+0.5
V
VDD2,3
Supply Voltage
LCD Voltage Internally
generated
2.4
4.5
V
VLCDIN
LCD Supply Voltage
LCD Voltage Supplied externally
4.5
9
V
VLCDOUT LCD Supply Voltage
Internally generated; note 1
4.5
9
V
I(VDD1)
Supply Current
VDD = 2.8V; VLCD = 7.6V; 4x
charge pump; fsclk =0;
Tamb =25°C; note 3.
815
µA
I(VDD2,3)
Voltage Generator Supply
Current
with VOP = 0 and PRS = 0
with external VLCD = 7.6V
10
15
µA
VLCD =7.6V; VDD =2.8V;
fsclk =0;Tamb =25°C; no display
load; 4x charge pump; note 3,6
Fosc =0
70
115
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com