Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC181 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC181
Description  4-bit arithmetic logic unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC181 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC181 Datasheet HTML 4Page - NXP Semiconductors 74HC181 Datasheet HTML 5Page - NXP Semiconductors 74HC181 Datasheet HTML 6Page - NXP Semiconductors 74HC181 Datasheet HTML 7Page - NXP Semiconductors 74HC181 Datasheet HTML 8Page - NXP Semiconductors 74HC181 Datasheet HTML 9Page - NXP Semiconductors 74HC181 Datasheet HTML 10Page - NXP Semiconductors 74HC181 Datasheet HTML 11Page - NXP Semiconductors 74HC181 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 Jun 10
8
Philips Semiconductors
Product specification
4-bit arithmetic logic unit
74HC/HCT181
RATINGS (for A=B output only)
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Voltage are referenced to GND (ground = 0 V)
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Voltages are referenced to GND (ground = 0 V)
Note to the DC characteristics
1. The maximum operating output voltage (VO(max)) is 6.0 V.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VO
DC output voltage
−0.5
+7.0
V
−I
OK
DC output diode current
20
mA
for VO <−0.5 V
−IO
DC output source or sink current
25
mA
for
−0.5 V < VO
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VIL
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
IOZ
HIGH level output
leakage current
0.5
5.0
10.0
µA
2.0
to
6.0
VIL
note 1
VO =0or 6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com