Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L78
Description  Positive voltage regulator ICs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L78_V01 Datasheet HTML 27Page - STMicroelectronics L78_V01 Datasheet HTML 28Page - STMicroelectronics L78_V01 Datasheet HTML 29Page - STMicroelectronics L78_V01 Datasheet HTML 30Page - STMicroelectronics L78_V01 Datasheet HTML 31Page - STMicroelectronics L78_V01 Datasheet HTML 32Page - STMicroelectronics L78_V01 Datasheet HTML 33Page - STMicroelectronics L78_V01 Datasheet HTML 34Page - STMicroelectronics L78_V01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
Figure 33. Output impedance vs frequency
Vi = 10 V
Vo = 5 V
Tamb = 25 °C
CL = 0 µF
L7805
Io = 20 mA
Io = 500 mA
Zo
(Ω)
10
1
10-1
10-2
10
102
103
104
105
f (Hz)
GAMG200920161320MT
Figure 34. Quiescent current vs junction temp.
Id
(mA)
-75
4.4
4.2
4.0
3.8
3.6
-50
-25
0
25
50
75
100
125
Tj (°C)
Vi = 10 V
Vo = 5 V
Io = 500 mA
L7805
GAMG200920161321MT
Figure 35. Load transient response
∆Vo
(V)
0
1
10
20
30
40
T (µs)
Vi = 10 V
Vo = 5 V
L7805
GAMG200920161326MT
0
-1
LOAD CURRENT
AUTPUT VOLTAGE
DEVIATION
50
Figure 36. Line transient response
∆Vo
(mV)
0
2
4
6
8
T (µs)
IO = 500 mA
Vo = 5 V
L7805
GAMG200920161328MT
0
-20
OUTPUT VOLTAGE
DEVIATION
10
-10
10
20
Vi
(V)
15
10
5
0
INPUT VOLTAGE
Figure 37. Quiescent current vs. input voltage
Id(mA)
5
10
15
20
25
Vi (V)
VO = 5 V
Io = 20 mA
L7805
GAMG200920161329MT
3.0
30
4.0
5.0
Tj = 25 °C
L78
Typical performance
DS0422 - Rev 36
page 31/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com