Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMAV340 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMAV340
Description  Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMAV340 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMAV340 Datasheet HTML 8Page - STMicroelectronics STMAV340 Datasheet HTML 9Page - STMicroelectronics STMAV340 Datasheet HTML 10Page - STMicroelectronics STMAV340 Datasheet HTML 11Page - STMicroelectronics STMAV340 Datasheet HTML 12Page - STMicroelectronics STMAV340 Datasheet HTML 13Page - STMicroelectronics STMAV340 Datasheet HTML 14Page - STMicroelectronics STMAV340 Datasheet HTML 15Page - STMicroelectronics STMAV340 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
6 Test Circuit and Diagrams
STMAV340
12/21
Table 8.
Test Circuit
Test
VCC
RL
CL
V2B
V2C
tON
4.75V ± 0.75V
4.75V ± 0.75V
75
75
20
20
GND
VCC
VCC
GND
tOFF
4.75V ± 0.75V
4.75V ± 0.75V
75
75
20
20
GND
VCC
VCC
GND
Figure 8.
Turn-on/Turn-off Test Circuit and Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com