Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC174DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC174DB
Description  Hex D-type flip-flop with reset; positive-edge trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC174DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC174DB Datasheet HTML 1Page - NXP Semiconductors 74HC174DB Datasheet HTML 2Page - NXP Semiconductors 74HC174DB Datasheet HTML 3Page - NXP Semiconductors 74HC174DB Datasheet HTML 4Page - NXP Semiconductors 74HC174DB Datasheet HTML 5Page - NXP Semiconductors 74HC174DB Datasheet HTML 6Page - NXP Semiconductors 74HC174DB Datasheet HTML 7Page - NXP Semiconductors 74HC174DB Datasheet HTML 8Page - NXP Semiconductors 74HC174DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1998 Jul 08
2
Philips Semiconductors
Product specification
Hex D-type flip-flop with reset; positive-edge trigger
74HC/HCT174
FEATURES
• Six edge-triggered D-type flip-flops
• Asynchronous master reset
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT174 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT174 have six edge-triggered D-type
flip-flops with individual D inputs and Q outputs. The
common clock (CP) and master reset (MR) inputs load and
reset (clear) all flip-flops simultaneously.
The register is fully edge-triggered. The state of each D
input, one set-up time prior to the LOW-to-HIGH clock
transition, is transferred to the corresponding output of the
flip-flop.
A LOW level on the MR input forces all outputs LOW,
independently of clock or data inputs.
The device is useful for applications requiring true outputs
only and clock and master reset inputs that are common to
all storage elements.
QUICK REFERENCE DATA
GND = 0 V; Tamb=25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5 V
CP to Qn
17
18
ns
MR to Qn
13
17
ns
fmax
maximum clock frequency
99
69
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation
capacitance per flip-flop
notes 1 and 2
17
17
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com