Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2L0486G Datasheet(PDF) 1 Page - Belden Inc.

Part # FS2L0486G
Description  Loose Tube OM2 48F OSP Steel Armor Unitized Gel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FS2L0486G Datasheet(HTML) 1 Page - Belden Inc.

  FS2L0486G Datasheet HTML 1Page - Belden Inc. FS2L0486G Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FS2L0486G
Loose Tube OM2 48F OSP Steel Armor Unitized Gel
Product Description
FX Outdoor Loose Tube OM2 48 Fibers OSP Corrugated Steel Tape Armor Sub-Units(12F) Gel Black
Technical Specifications
Product Overview
Suitable Applications:
Campus Area Network, Long Haul, Backbone
Fiber Specifications
Fiber Type:
OM2
Fiber Core Diameter:
50/125 µm
Fiber Diameter:
250 µm
Fiber Count:
48
Fiber Color Coding:
TIA-598-D
Cable Construction
Number of Active Subunits:
4
Number of Fillers:
1
Fibers Per Subunit:
12
Subunit Waterblocking:
Gel Filled
Subunit Diameter:
0.098 in (2.5 mm)
Central Strength Member:
GRP
Core Wrap:
Nomex tape
Cable Core Waterblocking:
Waterblock Tape
Inner Jacket Specifications
Strength Member:
Aramid Yarns
Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.370 in (9.4 mm)
Color:
Black
Number of Ripcords:
2
Armor Specifications
Armor Type and Material:
CST - Corrugated Steel Tape
Outer Jacket Specifications
Jacket Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.610 in (15.5 mm)
Color:
Black
Number of Ripcords:
2
Optical Characteristics
Wavelength
850 nm
1300 nm


Similar Part No. - FS2L0486G

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FS2L0486D BELDEN-FS2L0486D Datasheet
141Kb / 2P
Loose Tube OM2 48F OSP Steel Armor Unitized
11-09-2022
More results

Similar Description - FS2L0486G

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FS1L0486G BELDEN-FS1L0486G Datasheet
141Kb / 2P
Loose Tube OM1 48F OSP Steel Armor Unitized Gel
11-09-2022
FS2L0066F BELDEN-FS2L0066F Datasheet
141Kb / 2P
Loose Tube OM2 6F OSP Steel Armor Unitized Gel
11-09-2022
FS2L0186F BELDEN-FS2L0186F Datasheet
141Kb / 2P
Loose Tube OM2 18F OSP Steel Armor Unitized Gel
11-09-2022
FS2L0486D BELDEN-FS2L0486D Datasheet
141Kb / 2P
Loose Tube OM2 48F OSP Steel Armor Unitized
11-09-2022
FS2L0726D BELDEN-FS2L0726D Datasheet
141Kb / 2P
Loose Tube OM2 72F OSP Steel Armor Unitized
11-09-2022
FS2L0726G BELDEN-FS2L0726G Datasheet
141Kb / 2P
Loose Tube OM2 72F OSP Steel Armor Unitized Gel
11-09-2022
FS2L0966G BELDEN-FS2L0966G Datasheet
141Kb / 2P
Loose Tube OM2 96F OSP Steel Armor Unitized Gel
11-09-2022
FS2L1446G BELDEN-FS2L1446G Datasheet
141Kb / 2P
Loose Tube OM2 144F OSP Steel Armor Unitized Gel
11-09-2022
FS3L0486G BELDEN-FS3L0486G Datasheet
141Kb / 2P
Loose Tube OM3 48F OSP Steel Armor Unitized Gel
11-09-2022
FSSL0486G BELDEN-FSSL0486G Datasheet
141Kb / 2P
Loose Tube OS2 48F OSP Steel Armor Unitized Gel
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com