Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30R06P Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH30R06P
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R06P Datasheet(HTML) 5 Page - STMicroelectronics

  STTH30R06P Datasheet HTML 1Page - STMicroelectronics STTH30R06P Datasheet HTML 2Page - STMicroelectronics STTH30R06P Datasheet HTML 3Page - STMicroelectronics STTH30R06P Datasheet HTML 4Page - STMicroelectronics STTH30R06P Datasheet HTML 5Page - STMicroelectronics STTH30R06P Datasheet HTML 6Page - STMicroelectronics STTH30R06P Datasheet HTML 7Page - STMicroelectronics STTH30R06P Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STTH30R06
5/8
Figure 12: DO-247 Package Mechanical Data
Figure 13: SOD-93 Package Mechanical Data
F2
V2
L4
L2
L1
L3
D
L
L5
ME
H
V
V
A
Dia.
F3
G
F
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
4.85
5.15 0.191
0.203
D
2.20
2.60 0.086
0.102
E
0.40
0.80 0.015
0.031
F
1.00
1.40 0.039
0.055
F2
2.00
0.078
F3
2.00
2.40 0.078
0.094
G
10.90
0.429
H
15.45
15.75 0.608
0.620
L
19.85
20.15 0.781
0.793
L1
3.70
4.30 0.145
0.169
L2
18.50
0.728
L3
14.20
14.80 0.559
0.582
L4
34.60
1.362
L5
5.50
0.216
M
2.00
3.00 0.078
0.118
V5°
V2
60°
60°
Dia.
3.55
3.65 0.139
0.143
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.70
4.90
0.185
0.193
C
1.17
1.37
0.046
0.054
D
2.50 Typ.
0.098 Typ.
D1
1.27 Typ.
0.050 Typ.
E
0.50
0.78
0.020
0.031
F
1.10
1.30
0.043
0.051
F3
1.75 Typ.
0.069 Typ
G
10.80
11.10
0.425
0.437
H
14.70
15.20
0.578
0.598
L
12.20
0.480
L2
16.20
0.638
L3
18.0 Typ
0.709 Typ.
L5
3.95
4.15
0.156
0.163
L6
31.00 Typ.
1.220 Typ.
O
4.00
4.10
0.157
0.161



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com