Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5049 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5049
Description  Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5049 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5049 Datasheet HTML 1Page - Analog Devices ADRF5049 Datasheet HTML 2Page - Analog Devices ADRF5049 Datasheet HTML 3Page - Analog Devices ADRF5049 Datasheet HTML 4Page - Analog Devices ADRF5049 Datasheet HTML 5Page - Analog Devices ADRF5049 Datasheet HTML 6Page - Analog Devices ADRF5049 Datasheet HTML 7Page - Analog Devices ADRF5049 Datasheet HTML 8Page - Analog Devices ADRF5049 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
ADRF5049
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 14
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
VDD
3.15
3.45
V
VSS
−3.45
−3.15
V
V1 and V2
0
VDD
V
RF Input Power
f = 1 MHz to 40 GHz, TCASE = 85°C, life time
Through Path
RF signal is applied to RFC or through connected RFx
30
dBm
Terminated Path
RF signal is applied to terminated RFx
18
dBm
Hot Switching
RF signal is present at RFC while switching between RFx
30
dBm
TCASE
–40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com