Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP03397 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UP03397
Description  Silicon NPN epitaxial planar type (Tr1, Tr2)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UP03397 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UP03397 Datasheet HTML 1Page - Panasonic Semiconductor UP03397 Datasheet HTML 2Page - Panasonic Semiconductor UP03397 Datasheet HTML 3Page - Panasonic Semiconductor UP03397 Datasheet HTML 4Page - Panasonic Semiconductor UP03397 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Composite Transistors
1
Publication date: August 2004
SJJ00296AED
UP03397
Silicon NPN epitaxial planar type (Tr1)
Silicon PNP epitaxial planar type (Tr2)
For digital circuits
■ Features
• Two elements incorporated into one package
(Transistors with built-in resistor)
• Reduction of the mounting area and assembly cost by one half
■ Basic Part Number
• UNR1154 + UNR1211
■ Absolute Maximum Ratings T
a = 25°C
Marking Symbol: 3M
Internal Connection
Tr1
Tr2
2
(B1)
1
(E1)
3
(E2)
(C2)
4
(C1,B2)
5
R1
10 k
Ω
R2
47 k
Ω
R2
10 k
Ω
R1
10 k
Ω
Parameter
Symbol
Rating
Unit
Tr1
Collector-base voltage
VCBO
50
V
(Emitter open)
Collector-emitter voltage
VCEO
50
V
(Base open)
Collector current
IC
100
mA
Tr2
Collector-base voltage
VCBO
−30
V
(Emitter open)
Collector-emitter voltage
VCEO
−30
V
(Base open)
Collector current
IC
−100
mA
Overall
Total power dissipation
PT
125
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Unit: mm
1: Emitter (Tr1)
4: Collector (Tr2)
2: Base (Tr1)
5: Collector (Tr1)
3: Emitter (Tr2)
Base (Tr2)
SSMini5-F2 Package
–0.02
+0.05
0.20
(0.30)
(0.50)
123
54
(0.50)
1.00±0.05
1.60±0.05
0.10±0.02
Display at No.1 lead
5˚


Similar Part No. - UP03397

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP03390 PANASONIC-UP03390 Datasheet
123Kb / 5P
Silicon NPN epitaxial planar type
UP03396 PANASONIC-UP03396 Datasheet
130Kb / 5P
Silicon NPN, PNP epitaxial planar type (Tr1,2)
More results

Similar Description - UP03397

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04601 PANASONIC-UP04601 Datasheet
117Kb / 5P
Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
NP043A2 PANASONIC-NP043A2 Datasheet
109Kb / 4P
Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
UP04314 PANASONIC-UP04314 Datasheet
113Kb / 5P
Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
NP0H3A3 PANASONIC-NP0H3A3 Datasheet
104Kb / 5P
Silicon PNP epitaxial planar type (Tr1), Silicon NPN epitaxial planar type (Tr2)
XP04654 PANASONIC-XP04654 Datasheet
110Kb / 5P
Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
UP03312 PANASONIC-UP03312 Datasheet
127Kb / 5P
Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
logo
Panasonic Battery Group
DMG963H10R PANASONICBATTERY-DMG963H10R Datasheet
402Kb / 6P
Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
logo
Panasonic Semiconductor
DMG964010R PANASONIC-DMG964010R Datasheet
400Kb / 6P
Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG20402 PANASONIC-DMG20402 Datasheet
444Kb / 6P
Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
XP03312 PANASONIC-XP03312_13 Datasheet
256Kb / 6P
Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com