Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5050 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5050
Description  Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5050 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5050 Datasheet HTML 6Page - Analog Devices ADRF5050 Datasheet HTML 7Page - Analog Devices ADRF5050 Datasheet HTML 8Page - Analog Devices ADRF5050 Datasheet HTML 9Page - Analog Devices ADRF5050 Datasheet HTML 10Page - Analog Devices ADRF5050 Datasheet HTML 11Page - Analog Devices ADRF5050 Datasheet HTML 12Page - Analog Devices ADRF5050 Datasheet HTML 13Page - Analog Devices ADRF5050 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADRF5050
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 13 of 14
The ADRF5050 has two power supply pins (VDD and VSS) and
four control pins (LS, EN, V1, and V2). Figure 26 shows the
external components and connections for the supply and control
pins. The supply and control pins are decoupled with 100 pF
multilayer ceramic capacitor. Place the decoupling capacitors as
close as possible to the ADRF5050. The device pinout allows the
placement of the decoupling capacitors close to the ADRF5050.
No other external components are needed for bias and operation,
except DC blocking capacitors on the RFx pins when the RF lines
are biased at a voltage different than 0 V. Refer to Pin Configuration
and Function Descriptions section for details.
Figure 26. Recommended Schematic
RECOMMENDATIONS FOR PRINTED CIRCUIT
BOARD DESIGN
The RF ports are matched to 50 Ω internally and the pinout is
designed to mate a coplanar waveguide (CPWG) with a 50 Ω char-
acteristic impedance on the PCB. Figure 27 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003 dielectric material. RF trace with 14 mil width and 7 mil
clearance is recommended for 1.5 mil finished copper thickness.
Figure 27. Example PCB Stack Up
Figure 28 shows the routing of the RF traces, supply, and control
signals from the ADRF5050. The ground planes are connected with
as many filled, through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the device is the bottom
side.
Figure 28. PCB Routings
Figure 29 shows the recommended layout from the device RF pins
to the 50 Ω CPWG on the referenced stack-up. PCB pads are
drawn 1:1 to device pads. The ground pads are drawn solder mask
defined, and the signal pads are drawn as pad defined. The RF
trace from the PCB pad is extended with the same width by 2 mils
and tapered to RF trace with 45° angle. The paste mask is also
designed to match the pad without any aperture reduction. The
paste is divided into multiple openings for the paddle.
Figure 29. Recommended RF Pin Transitions
For alternate PCB stack-ups with different dielectric thickness and
CPWG design, contact Analog Devices, Inc., Technical Support
Request for further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com