Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC192D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC192D
Description  Presettable synchronous BCD decade up/down counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC192D Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC192D Datasheet HTML 1Page - NXP Semiconductors 74HC192D Datasheet HTML 2Page - NXP Semiconductors 74HC192D Datasheet HTML 3Page - NXP Semiconductors 74HC192D Datasheet HTML 4Page - NXP Semiconductors 74HC192D Datasheet HTML 5Page - NXP Semiconductors 74HC192D Datasheet HTML 6Page - NXP Semiconductors 74HC192D Datasheet HTML 7Page - NXP Semiconductors 74HC192D Datasheet HTML 8Page - NXP Semiconductors 74HC192D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
December 1990
2
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT192
FEATURES
• Synchronous reversible counting
• Asynchronous parallel load
• Asynchronous reset
• Expandable without external logic
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT192 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT192 are synchronous BCD up/down
counters. Separate up/down clocks, CPU and CPD
respectively, simplify operation. The outputs change state
synchronously with the LOW-to-HIGH transition of either
clock input. If the CPU clock is pulsed while CPD is held
HIGH, the device will count up. If the CPD clock is pulsed
while CPU is held HIGH, the device will count down. Only
one clock input can be held HIGH at any time, or
erroneous operation will result. The device can be cleared
at any time by the asynchronous master reset input (MR);
it may also be loaded in parallel by activating the
asynchronous parallel load input (PL).
The “192” contains four master-slave JK flip-flops with the
necessary steering logic to provide the asynchronous
reset, load, and synchronous count up and count down
functions.
Each flip-flop contains JK feedback from slave to master,
such that a LOW-to-HIGH transition on the CPD input will
decrease the count by one, while a similar transition on the
CPU input will advance the count by one.
One clock should be held HIGH while counting with the
other, otherwise the circuit will either count by two’s or not
at all, depending on the state of the first flip-flop, which
cannot toggle as long as either clock input is LOW.
Applications requiring reversible operation must make the
reversing decision while the activating clock is HIGH to
avoid erroneous counts.
The terminal count up (TCU) and terminal count down
(TCD) outputs are normally HIGH. When the circuit has
reached the maximum count state of 9, the next
HIGH-to-LOW transition of CPU will cause TCU to go LOW.
TCU will stay LOW until CPU goes HIGH again, duplicating
the count up clock.
Likewise, the TCD output will go LOW when the circuit is in
the zero state and the CPD goes LOW. The terminal count
outputs can be used as the clock input signals to the next
higher order circuit in a multistage counter, since they
duplicate the clock waveforms. Multistage counters will not
be fully synchronous, since there is a slight delay time
difference added for each stage that is added.
The counter may be preset by the asynchronous parallel
load capability of the circuit. Information present on the
parallel data inputs (D0 to D3) is loaded into the counter
and appears on the outputs (Q0 to Q3) regardless of the
conditions of the clock inputs when the parallel load (PL)
input is LOW. A HIGH level on the master reset (MR) input
will disable the parallel load gates, override both clock
inputs and set all outputs (Q0 to Q3) LOW. If one of the
clock inputs is LOW during and after a reset or load
operation, the next LOW-to-HIGH transition of that clock
will be interpreted as a legitimate signal and will be
counted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com