Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC190DB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC190DB
Description  Presettable synchronous BCD decade up/down counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC190DB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC190DB Datasheet HTML 5Page - NXP Semiconductors 74HC190DB Datasheet HTML 6Page - NXP Semiconductors 74HC190DB Datasheet HTML 7Page - NXP Semiconductors 74HC190DB Datasheet HTML 8Page - NXP Semiconductors 74HC190DB Datasheet HTML 9Page - NXP Semiconductors 74HC190DB Datasheet HTML 10Page - NXP Semiconductors 74HC190DB Datasheet HTML 11Page - NXP Semiconductors 74HC190DB Datasheet HTML 12Page - NXP Semiconductors 74HC190DB Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
December 1990
13
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT190
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.16 Waveforms showing the set-up and hold times from the parallel load input (PL) to the data input (Dn).
The shaded areas indicate when the input is
permitted to change for predictable output
performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT : VM = 1.3 V; VI = GND to 3 V.
Fig.17 Waveforms showing the set-up and hold times from the count enable and up/down inputs (CE, U/D) to the
clock (CP).
The shaded areas indicate when the input is
permitted to change for predictable output
performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT : VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com