Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWSCR-CPLA Datasheet(PDF) 5 Page - Abracon Corporation

Part # AWSCR-CPLA
Description  Miniature Ceramic Resonator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CPLA Datasheet(HTML) 5 Page - Abracon Corporation

  AWSCR-CPLA Datasheet HTML 1Page - Abracon Corporation AWSCR-CPLA Datasheet HTML 2Page - Abracon Corporation AWSCR-CPLA Datasheet HTML 3Page - Abracon Corporation AWSCR-CPLA Datasheet HTML 4Page - Abracon Corporation AWSCR-CPLA Datasheet HTML 5Page - Abracon Corporation AWSCR-CPLA Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Miniature Ceramic Resonator
6.0 x 3.0 x 1.8 mm
RoHS/RoHS II Compliant
Pb in ceramic, exemption (7c-I)
This product is not Moisture Sensitive - MSL = 1
AWSCR-CPLA
Packaging
φA
φB
W
T
Pieces per reel Carrier tape size
330 ± 3
80 min
16.4 min
22.4 max
4000 typ.
16
Packaging Sketch
Reel Dimension
T4: 4000 pcs/reel
Unit: mm
REVISED: 0
7-30-2021
REVISED: 0
7-30-2021



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com