Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC241DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC241DB
Description  Octal buffer/line driver; 3-state
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC241DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC241DB Datasheet HTML 1Page - NXP Semiconductors 74HC241DB Datasheet HTML 2Page - NXP Semiconductors 74HC241DB Datasheet HTML 3Page - NXP Semiconductors 74HC241DB Datasheet HTML 4Page - NXP Semiconductors 74HC241DB Datasheet HTML 5Page - NXP Semiconductors 74HC241DB Datasheet HTML 6Page - NXP Semiconductors 74HC241DB Datasheet HTML 7Page - NXP Semiconductors 74HC241DB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
September 1993
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74HC/HCT241
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
11OE
output enable input (active LOW)
2, 4, 6, 8
1A0 to 1A3
data inputs
3, 5, 7, 9
2Y0 to 2Y3
bus outputs
10
GND
ground (0 V)
17, 15, 13, 11
2A0 to 2A3
data inputs
18, 16, 14, 12
1Y0 to 1Y3
bus outputs
19
20E
output enable input (active HIGH)
20
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com