Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS548-05AII Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS548-05AII
Description  MP3 Audio Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS548-05AII Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS548-05AII Datasheet HTML 1Page - Integrated Circuit Systems ICS548-05AII Datasheet HTML 2Page - Integrated Circuit Systems ICS548-05AII Datasheet HTML 3Page - Integrated Circuit Systems ICS548-05AII Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS548-05A
MP3 Audio Clock
MDS 548-05 AC
2
Revision 032900
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Key: I = Input; O = output; P = power supply connection; XI, XO = crystal connections
The input pins S3:S0 lack pull-ups, so they cannot be left floating. Tie directly to VDD or GND. For a
clock input, connect the input to X1, and leave X2 unconnected (floating).
Pin Assignment
16
15
14
13
16 pin TSSOP
12
11
10
9
1
2
3
4
5
6
7
8
ICS548-05A
VDD
GND
X2
X1/ICLK
VDD
S2
GND
S3
S1
PDCLK
CLK
DC
DC
S0
REFEN
REFOUT
Pin Descriptions
Number
Name
Type
Description
1
X1/ICLK
XI
Crystal connection. Connect to a 3.6864 MHz crystal, or input clock.
2, 3
VDD
P
Connect to +3.3V or +5V. All VDDs must be same.
4
REFEN
I
Reference Clock Enable. See above table.
5, 6
GND
P
Connect to ground.
7
S3
I
Frequency select pin 3. Determines clock outputs per table above.
8
S2
I
Frequency select pin 2. Determines clock outputs per table above.
9
CLK
O
Audio clock output set by status of S0-S3. See table above.
10, 15
DC
-
Don't Connect. Do not connect anything to these pins.
11
PDCLK
I
Power Down Clock. See above table.
12
S1
I
Frequency select pin 1. Determines clock outputs per table above.
13
S0
I
Frequency select pin 0. Determines clock outputs per table above.
14
REFOUT
O
Buffered 3.6864 MHz oscillator output clock. Controlled by REFEN.
16
X2
XO
Crystal connection. Connect to a 3.6864 MHz crystal, or leave unconnected for clock.
Key:
0 = connect directly to GND
1 = connect directly to VDD
S3
S2
S1
S0
Input (MHz)
CLK (MHz)
Pin 7
Pin 8 Pin 12 Pin 13
Pins 1, (16)
Pin 9
0
0
1
0
3.6864
2.8224
0
0
1
1
3.6864
3.072
1
0
0
0
3.6864
4.096
1
0
0
1
3.6864
5.6448
1
0
1
0
3.6864
6.144
1
0
1
1
Turns off PLL and stops CLK low
Turns off PLL and stops CLK low
1
1
0
0
3.6864
8.192
1
1
0
1
3.6864
11.2896
1
1
1
0
3.6864
12.288
1
1
1
1
3.6864
2.048
Output Clock Select Table
REFEN
PDCLK Power Down Selection Mode
Pin 4
Pin 11
0
0
The entire chip is off.
0
1
PLL and CLK output run, REFOUT low.
1
0
REFOUT running, PLL off, CLK low.
1
1
All running.
Power Down Clock Select Table



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com