Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC258N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC258N
Description  Quad 2-input multiplexer; 3-state; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC258N Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC258N Datasheet HTML 1Page - NXP Semiconductors 74HC258N Datasheet HTML 2Page - NXP Semiconductors 74HC258N Datasheet HTML 3Page - NXP Semiconductors 74HC258N Datasheet HTML 4Page - NXP Semiconductors 74HC258N Datasheet HTML 5Page - NXP Semiconductors 74HC258N Datasheet HTML 6Page - NXP Semiconductors 74HC258N Datasheet HTML 7Page - NXP Semiconductors 74HC258N Datasheet HTML 8Page - NXP Semiconductors 74HC258N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Sep 02
3
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state; inverting
74HC/HCT258
ORDERING INFORMATION
PIN DESCRIPTION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
74HC258N;
74HCT258N
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
74HC258D;
74HCT258D
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
74HC258DB
SSOP16
plastic shrink small outline package; 16 leads; body width 5.3 mm
SOT338-1
PIN NO.
SYMBOL
NAME AND FUNCTION
1
S
common data select input
2, 5, 11 and 14
1I0 to 4I0
data inputs from source 0
3, 6, 10 and 13
1I1 to 4I1
data inputs from source 1
4, 7, 9 and 12
1Yto4Y
3-state multiplexer outputs
8
GND
ground (0 V)
15
OE
3-state output enable input (active LOW)
16
VCC
positive supply voltage
fpage
MGA830
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
258
S
1I0
1Y
2I0
2I1
2Y
GND
1I1
VCC
OE
3I1
4Y
4I0
4I1
3Y
3I0
Fig.1 Pin configuration.
fpage
MGA832
S
OE
1Y
2Y
3Y
4Y
2
3
5
6
14
13
11
10
15
1
4
7
9
12
1I0
1I1
2I0
3I1
4I0
4I1
3I0
2I1
Fig.2 Logic symbol.
fpage
MGA831
4
3
2
5
6
11
10
14
13
1
15
G1
EN
MUX
1
1
7
9
12
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com