Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9779PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9779PCB
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9779PCB Datasheet HTML 21Page - Analog Devices AD9779PCB Datasheet HTML 22Page - Analog Devices AD9779PCB Datasheet HTML 23Page - Analog Devices AD9779PCB Datasheet HTML 24Page - Analog Devices AD9779PCB Datasheet HTML 25Page - Analog Devices AD9779PCB Datasheet HTML 26Page - Analog Devices AD9779PCB Datasheet HTML 27Page - Analog Devices AD9779PCB Datasheet HTML 28Page - Analog Devices AD9779PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Preliminary Technical Data
AD9779
Rev. PrD | Page 25 of 34
Interpolation Filter Architecture
The AD9779 can provide up to 8× interpolation or disable the
interpolation filters entirely. The coefficients of the low pass filters
and the inverse sinc filter are given in Table 5, Table 6, Table 7, and
Table 8. Spectral plots for the filter responses are given in Figure 3,
Figure 4, and Figure 5.
With the interpolation filter and modulator combined, the
incoming signal can be placed anywhere within the Nyquist region
of the DAC output sample rate. Where the input signal is complex,
this architecture allows modulation of the input signal to positive
or negative Nyquist regions (refer to Table 13).
The Nyquist regions up to 4× the input data rate can be seen in
Figure 39.
DC
1×
4×
3×
2×
-2×
-3×
-4×
-1×
1234
-1
-2
5
7 8
6
-3
-4
-5
-6
-7
-8
Figure 39. Nyquist Zones
Figure 3, Figure 4 and Figure 5 show the low pass response of the
digital filters with no modulation used. By turning on the
modulation feature, the response of the digital filters can be tuned
to any Nyquist zone within the DAC bandwidth. As an example,
Figure 40 to Figure 46 show the odd mode filter responses (refer to
Table 13 for odd/even mode filter responses).
-4
-3
-2
-1
0
1
2
3
4
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Figure 40. Interpolation/Modulation Combination of -4fDAC/8
Filter in Odd Mode
-4
-3
-2
-1
0
1
2
3
4
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Figure 41. Interpolation/Modulation Combination of -3fDAC/8
Filter in Odd Mode
-4
-3
-2
-1
0
1
2
3
4
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Figure 42. Interpolation/Modulation Combination of -2fDAC/8
Filter in Odd Mode
-4
-3
-2
-1
0
1
2
3
4
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Figure 43. Interpolation/Modulation Combination of -1fDAC/8
Filter in Odd Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com