Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 2N7002
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

2N7002 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  2N7002 Datasheet HTML 1Page - National Semiconductor (TI) 2N7002 Datasheet HTML 2Page - National Semiconductor (TI) 2N7002 Datasheet HTML 3Page - National Semiconductor (TI) 2N7002 Datasheet HTML 4Page - National Semiconductor (TI) 2N7002 Datasheet HTML 5Page - National Semiconductor (TI) 2N7002 Datasheet HTML 6Page - National Semiconductor (TI) 2N7002 Datasheet HTML 7Page - National Semiconductor (TI) 2N7002 Datasheet HTML 8Page - National Semiconductor (TI) 2N7002 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLG11378
March 1993
2N70002N7002NDF7000ANDS7002A
N-Channel Enhancement Mode Field Effect Transistor
General Description
These n-channel enhancement mode field effect transistors
are produced using National’s very high cell density third
generation DMOS technology These products have been
designed to minimize on-state resistance provide rugged
and reliable performance and fast switching They can be
used with a minimum of effort in most applications requir-
ing up to 400 mA DC and can deliver pulsed currents up to
2A This product is particularly suited to low voltage low
current applications such as small servo motor controls
power MOSFET gate drivers and other switching applica-
tions
Features
Y
Efficient high density cell design approaching
(3 millionin2)
Y
Voltage controlled small signal switch
Y
Rugged
Y
High saturation current
Y
Low RDS (ON)
TLG11378 – 1
TO-92
7000 Series
TLG11378 – 2
TO-236 AB
(SOT-23)
7002 Series
TLG11378 – 3
Absolute Maximum Ratings
Symbol
Parameter
2N7000
2N7002
NDF7000A
NDS7002A
Units
VDSS
Drain-Source Voltage
60
V
VDGR
Drain-Gate Voltage (RGS s 1MX)60
V
VGSS
Gate-Source Voltage
g
40
V
ID
Drain CurrentContinuous
200
115
400
280
mA
Pulsed
500
800
2000
1500
mA
PD
Total Power Dissipation
TA e 25 C
400
200
625
300
mW
Derating above 25 C
32
16
5
24
mW C
TJ TSTG
Operating and Storage Temperature Range
b
55 to 150
b
65 to 150
C
TL
Maximum Lead Temperature for Soldering
300
C
Purposes
from Case for 10 Seconds
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002 Datasheet
76Kb / 12P
N-channel vertical D-MOS transistor
April 1995
logo
Supertex, Inc
2N7002 SUTEX-2N7002 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
2N7002 VISHAY-2N7002 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
logo
Zetex Semiconductors
2N7002 ZETEX-2N7002 Datasheet
25Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com