Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS385-1.2CS Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS385-1.2CS
Description  MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS385-1.2CS Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS385-1.2CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS385-1.2CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS385-1.2CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS385-1.2CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS385-1.2CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS385-1.2CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS385-1.2CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS385-1.2CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS285-1.2/AMS385-1.2
Monolithic
MICROPOWER VOLTAGE REFERENCE DIODE
Systems
FEATURES
APPLICATIONS
•• ±4 mV (±0.3%) max. initial tolerance (A grade)
•• Battery Powered Systems
•• Operating Current 10µµA to 20mA
•• Instrumentation
•• Low Voltage Reference 1.235
•• A/D, D/A Converters
•• Max. 0.6Ω
Ω Dynamic Impedance (A grade)
•• Temperature measurement
•• Low Temperature Coefficient
•• Current sources
•• 2.5V Device and Adjustable Device also available
•• Notebook/Personal Computer
AMS285-2.5 and AMS285 series, respectively
•• Monitors/ VCR/ TV
AMS385-2.5 and AMS385 series.
•• Pagers
GENERAL DESCRIPTION
The AMS285-1.2/AMS385-1.2 are two-terminal micropower band-gap voltage reference diodes. They feature a very low
dynamic impedance and good temperature coefficient, operating over a 10µA to 20mA current range. On-chip trimming is
used to provide tight voltage tolerance. Since the AMS285-1.2/AMS385-1.2 is a band-gap reference, uses only transistors and
resistors, low noise and good long-term stability result. Careful design of the AMS285-1.2/AMS385-1.2 has made the device
exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application. The wide dynamic
operating range allows its use with widely varying supplies with excellent regulation. The extremely low power drain of the
AMS285-1.2/AMS385-1.2 makes these reference diodes useful for micropower circuitry. These voltage references can be
used to make portable meters, regulators or general purpose analog circuitry with battery life approaching shelf life. Further
more, the wide operating current allows it to replace older references with a tight tolerance part.
The AMS285-1.2 is operational in the full industrial temperature range of -40
°C to 85°C while AMS385-1.2 is operating
over a 0
°C to 70°C temperature range. The AMS285-1.2/AMS385-1.2 are available in TO-92, SO-8 and SOT-89 packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
TO-92
8 LEAD SOIC
SOT-89
TEMPERATURE RANGE
±
4mV
AMS285-1.2AN
AMS285-1.2AS
AMS285-1.2AL
-40 to 85
° C
±
12mV AMS285-1.2BN
AMS285-1.2BS
AMS285-1.2BL
-40 to 85
° C
±
25mV AMS285-1.2CN
AMS285-1.2CS
AMS285-1.2CL
-40 to 85
° C
±
4mV
AMS385-1.2AN
AMS385-1.2AS
AMS385-1.2AL
0 to 70
° C
±
12mV AMS385-1.2BN
AMS385-1.2BS
AMS385-1.2BL
0 to 70
° C
±
25mV AMS385-1.2CN
AMS385-1.2CS
AMS385-1.2CL
0 to 70
° C


Similar Part No. - AMS385-1.2CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS385-12 ADMOS-AMS385-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-12AL ADMOS-AMS385-12AL Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-12AN ADMOS-AMS385-12AN Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-12AS ADMOS-AMS385-12AS Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
AMS385-12BL ADMOS-AMS385-12BL Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
More results

Similar Description - AMS385-1.2CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com