Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC283 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC283
Description  4-bit binary full adder with fast carry
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC283 Datasheet(HTML) 8 Page - NXP Semiconductors

  74HC283 Datasheet HTML 1Page - NXP Semiconductors 74HC283 Datasheet HTML 2Page - NXP Semiconductors 74HC283 Datasheet HTML 3Page - NXP Semiconductors 74HC283 Datasheet HTML 4Page - NXP Semiconductors 74HC283 Datasheet HTML 5Page - NXP Semiconductors 74HC283 Datasheet HTML 6Page - NXP Semiconductors 74HC283 Datasheet HTML 7Page - NXP Semiconductors 74HC283 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
December 1990
8
Philips Semiconductors
Product specification
4-bit binary full adder with fast carry
74HC/HCT283
AC WAVEFORMS
Fig.6
Waveforms showing the inputs (CIN, An, Bn)
to the outputs (
∑n, COUT) propagation delays
and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
APPLICATION INFORMATION
Fig.7 3-bit adder.
Fig.8 2-bit and 1-bit adder.
Fig.9 5-input encoder.
Fig.10 5-input majority gate.
Notes to Figs 7 to 10
Figure 7 shows a 3-bit adder using the “283”. Tying the
operand inputs of the fourth adder (A3, B3) LOW makes ∑3
dependent on, and equal to, the carry from the third adder.
Based on the same principle, Figure 8 shows a method of
dividing the “283” into a 2-bit and 1-bit adder. The third
stage adder (A2, B2, ∑ 2) is used simply as means of
transferring the carry into the fourth stage (via A2 and B2)
and transferring the carry from the second stage on
∑ 2.
Note that as long as long as A2 and B2 are the same, HIGH
or LOW, they do not influence
∑ 2. Similarly, when A2 and
B2 are the same, the carry into the third stage does not
influence the carry out of the third stage. Figure 9 shows a
method of implementing a 5-input encoder, where the
inputs are equally weighted. The outputs
∑
0, ∑1 and ∑ 2
produce a binary number equal to the number inputs (I1 to
I5) that are HIGH. Figure 10 shows a method of
implementing a 5-input majority gate. When three or more
inputs (I1 to I5) are HIGH, the output M5 is HIGH.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com