Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA363IDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA363IDBVR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA363IDBVR Datasheet(HTML) 3 Page - Texas Instruments

  OPA363IDBVR Datasheet HTML 1Page - Texas Instruments OPA363IDBVR Datasheet HTML 2Page - Texas Instruments OPA363IDBVR Datasheet HTML 3Page - Texas Instruments OPA363IDBVR Datasheet HTML 4Page - Texas Instruments OPA363IDBVR Datasheet HTML 5Page - Texas Instruments OPA363IDBVR Datasheet HTML 6Page - Texas Instruments OPA363IDBVR Datasheet HTML 7Page - Texas Instruments OPA363IDBVR Datasheet HTML 8Page - Texas Instruments OPA363IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
3
www.ti.com
PIN CONFIGURATIONS
Top View
1
2
3
4
5
10
9
8
7
6
+V
V
OUT B
–In B
+In B
Enable B
V
OUT A
–In A
+In A
–V
Enable A
OPA2363
MSOP-10
B
A
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2364
MSOP-8, SO-8
1
2
3
4
8
7
6
5
Enable
V+
V
OUT
NC(1)
NC
–In
+In
V–
OPA363
SO-8
1
2
3
4
8
7
6
5
NC
V+
V
OUT
NC
NC
–In
+In
V–
OPA364
SO-8
1
2
3
5
4
V+
–In
V
OUT
V–
+In
OPA364(1)
SOT23-5
1
2
3
6
5
4
V+
Enable
–In
V
OUT
V–
+In
OPA363(1)
SOT23-6
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V
OUT D
–In D
+In D
V–
+In C
–In C
V
OUT C
V
OUT A
–In A
+In A
V+
+In B
–In B
V
OUT B
OPA4364
SO-14, TSSOP-14
BC
D
A
NOTE: (1) Orient according to marking.
NC = No Internal Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com