Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3301 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3301 Datasheet(HTML) 2 Page - Texas Instruments

  CC3301 Datasheet HTML 1Page - Texas Instruments CC3301 Datasheet HTML 2Page - Texas Instruments CC3301 Datasheet HTML 3Page - Texas Instruments CC3301 Datasheet HTML 4Page - Texas Instruments CC3301 Datasheet HTML 5Page - Texas Instruments CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3 Description
CC330x is a highly integrated single-chip WLAN and Bluetooth Low Energy device. The device is the 10th-
generation connectivity combo chip from Texas Instruments. As such, the CC330x is based upon proven
technology and complements the TI integrated devices for connectivity portfolio. This device is ideal for use
in cost-sensitive embedded applications with a Linux or RTOS host running TCP/IP, where the peak throughput
requirement is 50 Mbps maximum at the IP layer. CC330x brings the efficiency of Wi-Fi 6 to embedded device
applications with a small PCB footprint and highly optimized bill of materials.
Device Information
PART NUMBER
WLAN 2.4-GHz SISO
Bluetooth Low Energy
CC3300ENJARSBR
✔
CC3301ENJARSBR
✔
✔
CC3301, CC3300
SWRS310 – MARCH 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com