Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM68AX Datasheet(PDF) 72 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 72 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 68Page - Texas Instruments AM68AX Datasheet HTML 69Page - Texas Instruments AM68AX Datasheet HTML 70Page - Texas Instruments AM68AX Datasheet HTML 71Page - Texas Instruments AM68AX Datasheet HTML 72Page - Texas Instruments AM68AX Datasheet HTML 73Page - Texas Instruments AM68AX Datasheet HTML 74Page - Texas Instruments AM68AX Datasheet HTML 75Page - Texas Instruments AM68AX Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 251 page
background image
Table 6-51. UART1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART1_CTSn
I
UART Clear to Send (active low)
AA26, AH27
UART1_RTSn
O
UART Request to Send (active low)
AC27, AG26
UART1_RXD
I
UART Receive Data
Y27
UART1_TXD
O
UART Transmit Data
AA27
Table 6-52. UART2 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART2_CTSn
I
UART Clear to Send (active low)
AB26
UART2_RTSn
O
UART Request to Send (active low)
AD28
UART2_RXD
I
UART Receive Data
AG26, P24, W28
UART2_TXD
O
UART Transmit Data
AH26, M23, U28
Table 6-53. UART3 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART3_CTSn
I
UART Clear to Send (active low)
T27
UART3_RTSn
O
UART Request to Send (active low)
R27
UART3_RXD
I
UART Receive Data
AB26, AE25, R28
UART3_TXD
O
UART Transmit Data
AD28, AG25, Y25
Table 6-54. UART4 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART4_CTSn
I
UART Clear to Send (active low)
AA25, AB27, P23
UART4_RTSn
O
UART Request to Send (active low)
AA24, N24, V25
UART4_RXD
I
UART Receive Data
AC28, P24, T25, U25
UART4_TXD
O
UART Transmit Data
AE28, M23, W24, Y26
Table 6-55. UART5 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART5_CTSn
I
UART Clear to Send (active low)
P24, T23
UART5_RTSn
O
UART Request to Send (active low)
M23, U24
UART5_RXD
I
UART Receive Data
AC24, R22, T24
UART5_TXD
O
UART Transmit Data
AB25, R24, W25
Table 6-56. UART6 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART6_CTSn
I
UART Clear to Send (active low)
W28
UART6_RTSn
O
UART Request to Send (active low)
U28
UART6_RXD
I
UART Receive Data
AA26, AD25, T26
UART6_TXD
O
UART Transmit Data
AC27, AF28, V26
Table 6-57. UART7 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART7_CTSn
I
UART Clear to Send (active low)
P24
UART7_RTSn
O
UART Request to Send (active low)
M23
UART7_RXD
I
UART Receive Data
R22, T23, V23
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
72
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com