Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70433DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70433DBVT
Description  TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70433DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV70433DBVT Datasheet HTML 3Page - Texas Instruments TLV70433DBVT Datasheet HTML 4Page - Texas Instruments TLV70433DBVT Datasheet HTML 5Page - Texas Instruments TLV70433DBVT Datasheet HTML 6Page - Texas Instruments TLV70433DBVT Datasheet HTML 7Page - Texas Instruments TLV70433DBVT Datasheet HTML 8Page - Texas Instruments TLV70433DBVT Datasheet HTML 9Page - Texas Instruments TLV70433DBVT Datasheet HTML 10Page - Texas Instruments TLV70433DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
6.5 Electrical Characteristics
over operating junction temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 1 V, IOUT = 1 mA, and COUT = 1 μF
(unless otherwise noted); typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range (1)
TJ = 25°C
24
V
VOUT
Output voltage range (1)
TJ = 25°C
1.2
5
V
VOUT
DC output accuracy(1)
TJ = 25°C
–2
2
%
IGND
Ground pin current (legacy
chip) (2)
IOUT = 0 mA, TJ = 25°C
3.2
4.5
μA
IOUT = 100 mA, TJ = 25°C
3.2
5.5
Ground pin current (new chip)
(2)
IOUT = 0 mA, TJ = 25°C
3.2
4.1
IOUT = 100 mA, TJ = 25°C
3.4
4.5
ΔVOUT (ΔIOUT)
Load regulation
VOUT < 3.3V, 0 < IOUT < 10 mA , TJ =
25°C
10
mV
VOUT < 3.3V, 0 < IOUT < 50 mA , TJ =
25°C
25
VOUT < 3.3V, 0 < IOUT < 100 mA , TJ
= 25°C
33
50
VOUT ≥ 3.3 V, 0 < IOUT < 10 mA , TJ =
25°C
7
VOUT ≥ 3.3 V, 0 < IOUT < 50 mA , TJ =
25°C
35
VOUT ≥ 3.3 V, 0 < IOUT < 100 mA , TJ
= 25°C
50
75
ΔVOUT (ΔVIN)
Line regulation (1)
VOUT(NOM) + 1 V ≤ VIN ≤ 24 V , TJ =
25°C
20
50
mV
ICL
Output current limit (legacy
chip)
VOUT = 0 V , TJ = 25°C
160
1000
mA
Output current limit (new chip)
160
500
PSRR
Power-supply ripple rejection
f = 100 kHz, COUT = 10 μF
60
dB
VDO
Dropout voltage
VIN = VOUT(nom) – 0.1 V, IOUT = 10
mA , TJ = 25°C
75
mV
VIN = VOUT(nom) – 0.1 V, IOUT = 50
mA , TJ = 25°C
400
VIN = VOUT(nom) – 0.1 V, IOUT = 100
mA , TJ = 25°C
850
1100
TJ
Operating junction
temperature
–40
125
℃
(1)
Minimum VIN = VOUT + VDO or the value shown for Input voltage in this table, whichever is greater.
(2)
This device employs a leakage null control circuit. This circuit is active only if output current is less than pass FET leakage current. The
circuit is typically active when output load is less than 5 μA, VIN is greater than 18 V, and die temperature is greater than 100°C.
www.ti.com
TLV704
SBVS148E – SEPTEMBER 2010 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com