Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901
Description  LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2901 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2901 Datasheet HTML 6Page - Texas Instruments LM2901 Datasheet HTML 7Page - Texas Instruments LM2901 Datasheet HTML 8Page - Texas Instruments LM2901 Datasheet HTML 9Page - Texas Instruments LM2901 Datasheet HTML 10Page - Texas Instruments LM2901 Datasheet HTML 11Page - Texas Instruments LM2901 Datasheet HTML 12Page - Texas Instruments LM2901 Datasheet HTML 13Page - Texas Instruments LM2901 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
6.13 Typical Characteristics: LM2901B-Q1
TA = 25°C, VS = 5 V, RPULLUP = 5.1k, CL = 15 pF, VCM = 0 V, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless otherwise
noted.
Supply Voltage (V)
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36
400
500
600
700
800
900
1000
1100
No Load, Output High
-40°C
25°C
85°C
125°C
Figure 6-1. Total Supply Current vs. Supply Voltage
Input Voltage (V)
-0.5 -0.25
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
100
200
300
400
500
600
700
800
900
1000
VS=3V
-40°C
0°C
25°C
85°C
125°C
Figure 6-2. Total Supply Current vs. Input Voltage at 3V
Input Voltage (V)
-0.5 -0.25
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
100
200
300
400
500
600
700
800
900
1000
VS=3.3V
-40°C
0°C
25°C
85°C
125°C
Figure 6-3. Total Supply Current vs. Input Voltage at 3.3V
Input Voltage (V)
-0.5 -0.25
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
100
200
300
400
500
600
700
800
900
1000
VS=3V
VS=12V
VS=5V
-40°C
0°C
25°C
85°C
125°C
Figure 6-4. Total Supply Current vs. Input Voltage at 5V
Input Voltage (V)
-1
0
1
2
3
4
5
6
7
8
9
10
11
100
200
300
400
500
600
700
800
900
1000
VS=12V
-40°C
0°C
25°C
85°C
125°C
Figure 6-5. Total Supply Current vs. Input Voltage at 12V
Input Voltage (V)
0
3
6
9
12
15
18
21
24
27
30
33
36
200
300
400
500
600
700
800
900
1000
1100
VS=36V
-40°C
0°C
25°C
85°C
125°C
Figure 6-6. Total Supply Current vs. Input Voltage at 36V
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1, LM2901B-Q1
SLCS142G – DECEMBER 2003 – REVISED MARCH 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2901-Q1 LM2901V-Q1 LM2901AV-Q1 LM2901B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com