Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24512-W Datasheet(PDF) 39 Page - STMicroelectronics

Part # M24512-W
Description  512-Kbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-W Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M24512-W Datasheet HTML 35Page - STMicroelectronics M24512-W Datasheet HTML 36Page - STMicroelectronics M24512-W Datasheet HTML 37Page - STMicroelectronics M24512-W Datasheet HTML 38Page - STMicroelectronics M24512-W Datasheet HTML 39Page - STMicroelectronics M24512-W Datasheet HTML 40Page - STMicroelectronics M24512-W Datasheet HTML 41Page - STMicroelectronics M24512-W Datasheet HTML 42Page - STMicroelectronics M24512-W Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
10
Ordering information
Table 24. Ordering information scheme
Example:
M24
512
- D
W
MC
6
T
P
/K
Device type
M24 = I2C serial access EEPROM
Device function
512 = 512 Kbit (64 K x 8 bit)
Device family
Blank = Without identification page
D = With identification page
Operating voltage
W = VCC = 2.5 V to 5.5 V
R = VCC = 1.8 V to 5.5 V
F = VCC = 1.7 V to 5.5 V
Package(1)
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
MC = UFDFPN8 (DFN8)
CS = WLCSP (chip scale package)
CU = WLCSP Ultra-thin
Device grade
6 = Industrial: device tested with standard test flow over -40 to 85 °C
Option
T = Tape and reel packing
blank = tube packing
Plating technology
P or G = ECOPACK2
Process(2)
/K = Manufacturing technology code
1. ECOPACK2 (RoHS compliant and free of brominated, chlorinated and antimony oxide flame retardants).
2. These process letters appear on the device package (marking) and on the shipment box. Contact your nearest ST Sales
Office for further information
M24512-W M24512-R M24512-DF
Ordering information
DS6520 - Rev 31
page 39/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com