Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904YST Datasheet(PDF) 8 Page - STMicroelectronics

Part # LM2904YST
Description  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904YST Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM2904YST Datasheet HTML 4Page - STMicroelectronics LM2904YST Datasheet HTML 5Page - STMicroelectronics LM2904YST Datasheet HTML 6Page - STMicroelectronics LM2904YST Datasheet HTML 7Page - STMicroelectronics LM2904YST Datasheet HTML 8Page - STMicroelectronics LM2904YST Datasheet HTML 9Page - STMicroelectronics LM2904YST Datasheet HTML 10Page - STMicroelectronics LM2904YST Datasheet HTML 11Page - STMicroelectronics LM2904YST Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
5
Electrical characteristic curves
Figure 5. Open-loop frequency response
1.0
10
100
1k
10k
100k
1M
10M
VCC = +10 to + 15 V &
FREQUENCY (Hz)
10 MΩ
VI
VCC /2
VCC = 30 V &
0.1 µF
VCC
VO
-
+
-40°C Tamb +125°C
140
120
100
80
60
40
20
0
-40°C Tamb
+125°C
Figure 6. Large signal frequency response
FRE Q UENCY (Hz)
1k
10k
100 k
1M
+7V
2kΩ
1kΩ
100k Ω
+15V
VO
-
+
VI
20
15
10
5
0
Figure 7. Voltage follower large signal response
TIME (µs)
VCC =+15V
4
3
2
1
0
3
2
1
RL ≤ 2 kΩ
0
10
20
30
40
Figure 8. Current sinking output characteristics
Figure 9. Voltage follower small signal response
µs
Figure 10. Current sourcing output characteristics
LM2904, LM2904A, LM2904W, LM2904AW
Electrical characteristic curves
DS0508 - Rev 20
page 8/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com