Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63154AFP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M63154AFP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63154AFP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M63154AFP Datasheet HTML 8Page - Renesas Technology Corp M63154AFP Datasheet HTML 9Page - Renesas Technology Corp M63154AFP Datasheet HTML 10Page - Renesas Technology Corp M63154AFP Datasheet HTML 11Page - Renesas Technology Corp M63154AFP Datasheet HTML 12Page - Renesas Technology Corp M63154AFP Datasheet HTML 13Page - Renesas Technology Corp M63154AFP Datasheet HTML 14Page - Renesas Technology Corp M63154AFP Datasheet HTML 15Page - Renesas Technology Corp M63154AFP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
M63154AFP
Rev.1.0, Sep.16.2003, page 14 of 15
Timing Chart of Voltages on Individual Pins in PWM Control
Hw+
Hw-
Hv-
Hv+
Hu+
Hu-
Hall input
voltage
OSCC output
voltage
U
V
W
Output voltage
Output current
U
V
W
The current from the RS pin is detected at the FLT pin. This current reaching a value specified by the voltage on the
VCTL pin indicates full discharge. After charging, the voltage on the OSCC pin (pin 23) sets the off-period for PWM
current-chopping control.
Whenever a Hall input switches polarity, the voltage on the OSCC pin is temporarily reset to 0 V. While the voltage on
the OSCC pin is 0.9 V or less, the PWM waveforms are off (regenerative operation). Otherwise, PWM waveforms are
on.
The above timing chart shows the timing with which outputs for the motor are switched on and off during PWM
control. Timing for the switching of outputs in response to Hall input varies with the setting of the B1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com