Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSSL0066F Datasheet(PDF) 1 Page - Belden Inc.

Part # FSSL0066F
Description  Loose Tube OS2 6F OSP Steel Armor Unitized Gel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FSSL0066F Datasheet(HTML) 1 Page - Belden Inc.

  FSSL0066F Datasheet HTML 1Page - Belden Inc. FSSL0066F Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FSSL0066F
Loose Tube OS2 6F OSP Steel Armor Unitized Gel
Product Description
FX Outdoor Loose Tube OS2 6 Fibers OSP Corrugated Steel Tape Armor Sub-Units(6F) Gel Black
Technical Specifications
Product Overview
Suitable Applications:
Campus Area Network, Long Haul, Backbone
Fiber Specifications
Fiber Type:
OS2
Fiber Core Diameter:
8.2/125 µm
Fiber Diameter:
250 µm
Fiber Count:
6
Fiber Color Coding:
TIA-598-D
Cable Construction
Number of Active Subunits:
1
Number of Fillers:
4
Fibers Per Subunit:
6
Subunit Waterblocking:
Gel Filled
Subunit Diameter:
0.078 in (2.0 mm)
Central Strength Member:
GRP
Core Wrap:
Nomex tape
Cable Core Waterblocking:
Waterblock Tape
Inner Jacket Specifications
Strength Member:
Aramid Yarns
Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.324 in (8.2 mm)
Color:
Black
Number of Ripcords:
2
Armor Specifications
Armor Type and Material:
CST - Corrugated Steel Tape
Outer Jacket Specifications
Jacket Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.530 in (13.5 mm)
Color:
Black
Number of Ripcords:
2
Optical Characteristics
Wavelength
1310 nm
1550 nm


Similar Part No. - FSSL0066F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FSSL006NC BELDEN-FSSL006NC Datasheet
141Kb / 2P
Loose Tube OS2 6 Fibers OSP Dry Block
11-09-2022
FSSL006NF BELDEN-FSSL006NF Datasheet
142Kb / 2P
Outdoor Loose Tube OS2 6 Fibers
11-09-2022
More results

Similar Description - FSSL0066F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FS1L0066F BELDEN-FS1L0066F Datasheet
141Kb / 2P
Loose Tube OM1 6F OSP Steel Armor Unitized Gel
11-09-2022
FS1L0366F BELDEN-FS1L0366F Datasheet
141Kb / 2P
Loose Tube OM1 36F OSP Armor Unitized(6F) Gel
11-09-2022
FS2L0066F BELDEN-FS2L0066F Datasheet
141Kb / 2P
Loose Tube OM2 6F OSP Steel Armor Unitized Gel
11-09-2022
FS3L0066C BELDEN-FS3L0066C Datasheet
141Kb / 2P
Loose Tube OM3 6F OSP Steel Armor Unitized
11-09-2022
FS3L0066F BELDEN-FS3L0066F Datasheet
141Kb / 2P
Loose Tube OM3 6F OSP Steel Armor Unitized Gel
11-09-2022
FSSL0126G BELDEN-FSSL0126G Datasheet
150Kb / 2P
Loose Tube OS2 12F OSP Steel Armor Unitized Gel
11-09-2022
FSSL0186F BELDEN-FSSL0186F Datasheet
141Kb / 2P
Loose Tube OS2 18F OSP Steel Armor Unitized Gel
11-09-2022
FSSL0246G BELDEN-FSSL0246G Datasheet
141Kb / 2P
Loose Tube OS2 24F OSP Steel Armor Unitized Gel
11-09-2022
FSSL0366F BELDEN-FSSL0366F Datasheet
141Kb / 2P
Loose Tube OS2 36F OSP Armor Unitized(6F) Gel
11-09-2022
FSSL0486G BELDEN-FSSL0486G Datasheet
141Kb / 2P
Loose Tube OS2 48F OSP Steel Armor Unitized Gel
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com